Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3713 Datasheet(PDF) 3 Page - EPCOS

Part # B3713
Description  SAW Components Low-Loss Filter 313,85 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3713 Datasheet(HTML) 3 Page - EPCOS

  B3713 Datasheet HTML 1Page - EPCOS B3713 Datasheet HTML 2Page - EPCOS B3713 Datasheet HTML 3Page - EPCOS B3713 Datasheet HTML 4Page - EPCOS B3713 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jan 19, 2005
SAW Components
B3713
313,85 MHz
Low Loss Filter
Preliminary Data
Characteristics
Operating temperature range:
T
= –40 ... 85˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
313,85
—
MHz
Maximum insertion attenuation
α
max
313,55 ... 314,15 MHz
—
1,7
2,5
dB
Amplitude ripple (p-p)
∆α
313,55 ... 314,15 MHz
—
0,4
1,2
dB
Relative attenuation (relative to
α
max)
α
rel
270,00 ... 286,00 MHz
55
60
—
dB
291,85 ... 292,75 MHz
53
58
—
dB
302,85 ... 303,45 MHz
48
53
—
dB
324,25 ... 324,85 MHz
24
31
—
dB
334,95 ... 335,85 MHz
36
41
—
dB
356,35 ... 357,55 MHz
50
55
—
dB
Temperature coefficient of frequency
TCf
—
-30
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com