Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 91 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 91 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 87Page - Exar Corporation XRT79L71IB Datasheet HTML 88Page - Exar Corporation XRT79L71IB Datasheet HTML 89Page - Exar Corporation XRT79L71IB Datasheet HTML 90Page - Exar Corporation XRT79L71IB Datasheet HTML 91Page - Exar Corporation XRT79L71IB Datasheet HTML 92Page - Exar Corporation XRT79L71IB Datasheet HTML 93Page - Exar Corporation XRT79L71IB Datasheet HTML 94Page - Exar Corporation XRT79L71IB Datasheet HTML 95Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 434 page
background image
XRT79L71
82
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
Receive DS3 FEAC Register (Address = 0x1116)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
RxFEAC_Code[5:0]
Unused
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
0
1
1
1
1
1
1
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
Unused
R/O
6 - 1
RxFEAC_Code[5:0]
R/O
Receive FEAC Code Word:
These READ-ONLY bit-fields contain the value of the most
recently validated FEAC Code word.
NOTE: These bit-fields are only active if the XRT79L71 has been
configured to operate in the DS3, C-bit Parity Framing
format.
0
Unused
R/O
Receive DS3 FEAC Interrupt Enable/Status Register (Address = 0x1117)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
FEAC Valid
RxFEAC
Remove
Interrupt
Enable
RxFEAC
Remove
Interrupt
Status
RxFEAC
Valid Inter-
rupt
Enable
RxFEAC
Valid
Interrupt
Status
R/O
R/O
R/O
R/O
R/W
RUR
R/W
RUR
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 5
Unused
R/O
Please set to "0" (the default value) for normal operation.
4
FEAC Valid
R/O
FEAC Message Validation Indicator:
This READ-ONLY bit-field indicates that the FEAC Code (which
resides within the RxDS3 FEAC Register) has been validated by
the Receive FEAC Controller block. The Receive FEAC Control-
ler block will validate a FEAC codeword if it has received this
codeword in 8 out of the last 10 FEAC Messages. Polled sys-
tems can monitor this bit-field, when checking for a newly vali-
dated FEAC codeword.
0 - FEAC Message is not (or no longer) validated.
1 - FEAC Message has been validated.
NOTE: This bit-field is only active if the XRT79L71 has been
configured to operate in the DS3, C-bit Parity Framing
format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com