Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83L34 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT83L34
Description  QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L34 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT83L34 Datasheet HTML 17Page - Exar Corporation XRT83L34 Datasheet HTML 18Page - Exar Corporation XRT83L34 Datasheet HTML 19Page - Exar Corporation XRT83L34 Datasheet HTML 20Page - Exar Corporation XRT83L34 Datasheet HTML 21Page - Exar Corporation XRT83L34 Datasheet HTML 22Page - Exar Corporation XRT83L34 Datasheet HTML 23Page - Exar Corporation XRT83L34 Datasheet HTML 24Page - Exar Corporation XRT83L34 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
xr
XRT83L34
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR REV. 1.0.1
18
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
JASEL1
JASEL0
EQC4
EQC3
EQC2
EQC1
EQC0
57
58
59
60
61
62
63
57
58
59
60
61
62
63
I
Address Bus Input Pins/Jitter Attenuator Select Input Pins/Equalizer
Control Input pins:
The exact function of these input pins depends upon whether the XRT83L34
device has been configured to operate in the HOST or Hardware Mode, as
described below.
HOST Mode Operation - Address Bus Input Pins - A[6:0]:
These pins permits the Microprocessor to identity on-chip registers (within
the XRT83L34 device0 whenever it performs READ and WRITE operations
with the XRT83L34 device.
Microprocessor Interface Address Bus[6]
Microprocessor Interface Address Bus[5]
Microprocessor Interface Address Bus[4]
Microprocessor Interface Address Bus[3]
Microprocessor Interface Address Bus[2]
Microprocessor Interface Address Bus[1]
Microprocessor Interface Address Bus[0]
Jitter Attenuator Select Pins - Hardware Mode
Jitter Attenuator select pin 1
Jitter Attenuator select pin 0
See “Jitter Attenuator” on page 19.
Equalizer Control Pins - Hardware Mode
Equalizer Control Input pin 4
Equalizer Control Input pin 3
Equalizer Control Input pin 2
Equalizer Control Input pin 1
Equalizer Control Input pin 0
Pins EQC[4:0] select the Receive Equalizer and Transmitter Line Build Out.
See “Alarm Function//Redundancy Support” on page 21.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
INT
TRATIO
119
119
I
Interrupt Output - Host Mode
This pin goes “Low” to indicate an alarm condition has occurred within the
device. Interrupt generation can be globally disabled by setting the GIE bit to
"0" in the command control register.
Transmitter Transformer Ratio Select - Hardware mode
The function of this pin is to select the transmitter transformer ratio.
See
“Alarm Function//Redundancy Support” on page 21.
NOTE: This pin is an open drain output and requires an external 10k
Ω pull-
up resistor.
SIGNAL NAME
PIN #TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com