Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL38IB Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT83SL38IB Datasheet HTML 35Page - Exar Corporation XRT83SL38IB Datasheet HTML 36Page - Exar Corporation XRT83SL38IB Datasheet HTML 37Page - Exar Corporation XRT83SL38IB Datasheet HTML 38Page - Exar Corporation XRT83SL38IB Datasheet HTML 39Page - Exar Corporation XRT83SL38IB Datasheet HTML 40Page - Exar Corporation XRT83SL38IB Datasheet HTML 41Page - Exar Corporation XRT83SL38IB Datasheet HTML 42Page - Exar Corporation XRT83SL38IB Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
XRT83SL38
37
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
RECEIVE 1:1 & 1+1 REDUNDANCY
For 1:1 and 1+1 redundancy, the receivers on the primary card should be programmed for Internal Impedance
mode. The receivers on the backup card should be programmed for External Impedance mode. Since there is
no external resistor in the circuit, the receivers on the backup card will be high impedance. This key design
feature eliminates the need for relays and provides one bill of materials for all interface modes of operation.
Select the impedance for the desired mode of operation, T1/E1/J1. To swap the primary card, set the backup
card to Internal Impedance mode, then the primary card to External Impedance mode. See Figure 14 for a
simplified block diagram of the receive section for a 1:1 and 1+1 redundancy scheme.
NOTE: For simplification, the over voltage protection circuitry was omitted.
N+1 REDUNDANCY
FIGURE 13. SIMPLIFIED BLOCK DIAGRAM OF THE TRANSMIT SECTION FOR 1:1 & 1+1 REDUNDANCY
FIGURE 14. SIMPLIFIED BLOCK DIAGRAM - RECEIVE SECTION FOR 1:1 AND 1+1 REDUNDANCY
T1/E1 Line
Backplane Interface
Primary Card
Backup Card
XRT83SL38
XRT83SL38
Tx
Tx
Line Interface Ca rd
0.68
μ F
0.68
μ F
TxTS EL=1, Internal
TxTS EL=1, Internal
1:2 or 1:2.45
RxT SEL=0, External
RxT SE L=1, Internal
Backplane Interface
Primary Card
B ackup Card
XRT 83SL38
XRT 83SL38
Rx
Line Interface Card
T1/E1 Line
Rx
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com