Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3213DH Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3213DH
Description  700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3213DH Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3213DH Datasheet HTML 1Page - Monolithic Power Systems MP3213DH Datasheet HTML 2Page - Monolithic Power Systems MP3213DH Datasheet HTML 3Page - Monolithic Power Systems MP3213DH Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV3213DH-00A – 700KHZ/1.3MHZ BOOST CONVERTER WITH A 3.5A SWITCH
EVALUATION BOARD
EV3213DH-00A Rev. 1.1
www.MonolithicPower.com
2
4/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
R4
NS
C6
NS
C4
10nF
C3
2.2nF
C5
NS
JP1
Frequency Selection
H: 1.3MHz
L: 700KHz
H
EN
GND
VIN
L
EV3213_S01
D1
MBRA340T3
C2B
NS
VOUT
12V
GND
MP3213
IN
GND
EN
SS
FSEL
SW
COMP
FB
EV3213DH-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer P/N
2
C1A, C1B
10µF
Ceramic Capacitor, 10V, X7R
1210
TDK:
C3225X5R1A106K
1
C2A
4.7µF
Ceramic Capacitor, 16V, X7R
1210
TDK:
C3225X7R1C475K
1
C3
2.2nF
Ceramic Capacitor, 50V, X7R
0603
TDK:
C1608X7R1H222K
1
C4
10nF
Ceramic Capacitor, 50V, X7R
0603
TDK:
C1608X7R1H103K
3
C5, C6, C2B
Not Stuffed
1
D1
Schottky Diode, 40V, 3A
SMA
Diodes Inc.
MBRA340T3
1
JP1
3-Pin Connector Header, 0.100
Sullins:
PTC03SAAN
Inductor, 3.3A, DS84LC
SMD
Toko:
B1015AS-4R7N
1
L1
4.7µH
Inductor, 4.1A
SMD
Sumida:
CDRH8D43-4R7NC
1
R1
86.6kΩ Resistor, 1%
0603
Panasonic:
ERJ-3EKF8662V
1
R2
10kΩ
Resistor, 1%
0603
Panasonic:
ERJ-3EKF1002V
1
R3
15kΩ
Resistor, 5%
0603
Panasonic:
ERJ-3GEYJ153V
1
R4
Not Stuffed
2
R5, R6
100kΩ Resistor, 5%
0603
Panasonic:
ERJ-3GEYJ104V
1
U1
DC-DC Converter
MSOP8
MPS:
MP3213DH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com