Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA627D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA627D
Description  High performance low power FM IF system with high-speed RSSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA627D Datasheet(HTML) 2 Page - NXP Semiconductors

  SA627D Datasheet HTML 1Page - NXP Semiconductors SA627D Datasheet HTML 2Page - NXP Semiconductors SA627D Datasheet HTML 3Page - NXP Semiconductors SA627D Datasheet HTML 4Page - NXP Semiconductors SA627D Datasheet HTML 5Page - NXP Semiconductors SA627D Datasheet HTML 6Page - NXP Semiconductors SA627D Datasheet HTML 7Page - NXP Semiconductors SA627D Datasheet HTML 8Page - NXP Semiconductors SA627D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
SA627
High performance low power mixer FM IF system
with high-speed RSSI
2
1997 Nov 07
853-1649 18664
DESCRIPTION
The SA627 has faster RSSI rise and fall times. The SA627 is a high
performance monolithic low-power FM IF system incorporating a
mixer/oscillator, two limiting intermediate frequency amplifiers,
quadrature detector, muting, logarithmic received signal strength
indicator (RSSI) with fast rise and fall time, voltage regulator and
frequency check/limiter out (–). The SA627 also has an extra limiter
output. This signal is buffered from the output of the limiter and
provides a negative (–) limiter output. This can be used to provide a
frequency check function. The SA627 is available in 20-lead SOL
(surface-mounted miniature package) and 20-lead SSOP (shrink
small outline package).
FEATURES
• Fast RSSI rise and fall times
• Low power consumption: 5.8mA typical at 6V
• Mixer input to >500MHz
• Mixer conversion power gain of 13dB at 45MHz
• Mixer noise figure of 4.6dB at 45MHz
• XTAL oscillator effective to 150MHz (L.C. oscillator to 1GHz local
oscillator can be injected)
• 102dB of IF Amp/Limiter gain
• 25MHz limiter small signal bandwidth
• Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a dynamic range in excess of 90dB
• Audio output - mutable
• Low external component count; suitable for crystal/ceramic/LC
filters
• Excellent sensitivity: 0.22µV into 50Ω matching network for 12dB
SINAD (Signal to Noise and Distortion ratio) for 1kHz tone, 8kHz
deviation with RF at 45MHz and IF at 455kHz
• SA627 meets cellular radio specifications
• ESD hardened
PIN CONFIGURATION
RFIN 1
RF BYPASS 2
XTAL OSC
3
XTAL OSC
4
MUTEIN 5
RSSIOUT 7
20 MIXER OUT
19
18 IF AMP IN
17
16 IF AMP OUT
15 GND
14 LIMITER IN
13
12
11
LIMITER OUT (+)
VCC 6
D and DK Packages
MUTED AUDIO OUT 8
9
QUADRATURE IN
10
IF AMP DECOUPLING
IF AMP DECOUPLING
LIMITER DECOUPLING
LIMITER DECOUPLING
FREQ CHECK/ LIM OUT (–)
SR00481
Figure 1. Pin Configuration
APPLICATIONS
• Digital cellular base stations
• High performance communications receivers
• Single conversion VHF/UHF receivers
• SCA receivers
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers
• Log amps
• Wideband low current amplification
• Digital cordless telephones
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Small Outline Large (SOL) package (Surface-mount)
-40 to +85
°C
SA627D
SOT163-1
20-Pin Plastic Shrink Small Outline Package (SSOP) (Surface-mount)
-40 to +85
°C
SA627DK
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com