Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7722DF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7722DF
Description  20W Stereo Class D Single Ended Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7722DF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7722DF Datasheet HTML 1Page - Monolithic Power Systems MP7722DF Datasheet HTML 2Page - Monolithic Power Systems MP7722DF Datasheet HTML 3Page - Monolithic Power Systems MP7722DF Datasheet HTML 4Page - Monolithic Power Systems MP7722DF Datasheet HTML 5Page - Monolithic Power Systems MP7722DF Datasheet HTML 6Page - Monolithic Power Systems MP7722DF Datasheet HTML 7Page - Monolithic Power Systems MP7722DF Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EV7722DF-00C – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EVALUATION BOARD
EV7722DF-00C Rev. 1.1
www.MonolithicPower.com
4
10/19/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EV7722DF-00C BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer P/N
Digikey Part No.
2
FB1, FB2
Ferrite, 6A, 50Ω
1206
Steward:
HI1206T500R-00
240-1009-1-ND
2
L1, L2
10µH
Inductor, 3.5A,
13RHBP/IND
Radial
Toko:
A7502HY-100M
2
R1, R20
120kΩ
Resistor, 1/8W,
1%
SM0805
Yageo America:
9C08052A1203FKHFT
311-120KCCT-ND
4
R2, R3,
R13, R18
100kΩ
Resistor, 1/8W,
1%
SM0805
Yageo America:
9C08052A1003FKHFT
311-100KCCT-ND
2
R4, R17
NS
2
R5, R15
10Ω
Resistor, 1/8W,
1%
SM0805
Yageo America:
9C08052A10R0FKHFT
311-10.0CCT-ND
7
R6, R7,
R9, R11,
R12, R19,
R22
10kΩ
Resistor, 1/8W,
1%
SM0805
Yageo America:
9C08052A1002FKHFT
311-10.0KCCT-ND
2
R8, R14
10Ω
Resistor, 1/4W,
1%
SM1206
Yageo America:
9C12063A10R0FKHFT
311-10.0FCT-ND
2
R10, R16
20kΩ
Resistor, 1/10W,
1%
SM0603
Yageo America:
9C06031A2002FKHFT
311-20.0KHCT-ND
1
R21
3kΩ
Resistor, 1/8W,
1%
SM0805
Yageo America
9C08052A3001FKHFT
311-3.00KCCT-ND
2
R23, R24
17kΩ
Resistor, 1/8W,
1%
SM0805
Yageo America:
9C08052A1004FKHFT
311-1.00MCCT-ND
1
SP1
Speaker
Connector
1
SW1
Switch Slide,
DPDT, 12V, 0.1A,
L=4
E-Switch:
EG2209A
EG1908-ND
1
TP1
Test Point PC
Mini, .040"D RED
Keystone:
5000
5000K-ND
1
U1
Amplifier
TSSOP20
MPS:
MP7722



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com