Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7782DF
Description  50W Class D Mono Bridged Audio Amplifier Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7782DF Datasheet HTML 1Page - Monolithic Power Systems MP7782DF Datasheet HTML 2Page - Monolithic Power Systems MP7782DF Datasheet HTML 3Page - Monolithic Power Systems MP7782DF Datasheet HTML 4Page - Monolithic Power Systems MP7782DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV7782DF-00A – 50W CLASS D MONO BRIDGED AUDIO AMPLIFIER EV BOARD
EV7782DF-00A Rev. 1.2
www.MonolithicPower.com
3
1/11/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
EV7782DF-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C16
390pF
Ceramic Capacitor, 50V, X7R
SM0603
Panasonic
ECU-V1H391KBV
2
C2, C17
0.22µF Film Capacitor, 50V, Film
Radial
Panasonic
ECQ-V1H224JL
1
C3
1000µF
Electrolytic Capacitor
35V, NHG
Radial
Panasonic
ECA-1VHG102
2
C4, C15
1pF
Ceramic Capacitor, 50V, NPO
SM0603
Panasonic
ECJ-1VC1H010C
2
C5, C12
1µF
Ceramic Capacitor, 25V, X7R
SM1206
TDK
C3216X7R1E105K
2
C6, C13
10µF
Electrolytic Capacitor, 25V
SMD
Panasonic
ECE-V1EA100SR
2
C7, C11
27pF
Ceramic Capacitor, 50V, NPO
SM0603
TDK
C1608C0G1H270J
2
C8, C14
1µF
Ceramic Capacitor, 25V, X7R
SM0805
TDK
C2012X7R1E105K
1
C9
0.47µF Film Capacitor, 50V, Film
Radial
Panasonic
ECQ-V1H474JL
1
C10
2.2nF
Ceramic Capacitor, 50V, X7R
SM0603
TDK
C1608X7R1H222K
1
C18
1µF
Ceramic Capacitor, 16V, X5R
SM0603
TDK
C1608X5R1C105K
1
C19
NS
Not Stuffed
2
C20, C21
0.1µF
Ceramic Capacitor, 50V, X7R
SM1206
Panasonic
ECJ-3VB1H104K
1
CN1
Banana Jacks, Red and Black
1
CN2
RCA Jack, RA
CUI Inc
RCJ-012
2
D2, D12
Diode Switch, 75V, 200mW
SOD-323
Diodes Inc
1N4148WS-7
2
D5, D10
Schottky Diode, 30V, 1A
SMB
IR
MBRS130LTR
2
D6, D9
Zener Diode, 6.2V, 200mW
SOD-323
Diodes Inc
BZT52C6V2S-7
2
D13, D14
Diode Schottky, 40V, 1A
SOD-123
Diodes Inc
1N5819HW-7
2
L1, L2
14µH
Inductor, 4.9A
Radial
Toko
16RHBP-140M
1
LED1
Red Diff LED, Round
Radial
Panasonic
LN28RP
2
R1, R12
100kΩ Film Resistor, 1%
SM0603
Panasonic
ERJ-3EKF1003V
2
R2, R13
49.9kΩ Film Resistor, 1%
SM0603
Panasonic
ERJ-3EKF4992V
2
R3, R5
10Ω
Film Resistor, 5%
SM1206
Panasonic
ERJ-8GEYJ100V
2
R4, R11
20kΩ
Film Resistor, 5%
SM0603
Panasonic
ERJ-3GEYJ203V
2
R6, R8
5.1kΩ
Film Resistor, 1%
SM0603
Panasonic
ERJ-3GEYJ512V
3
R7, R9,
R15
10kΩ
Film Resistor, 5%
SM0603
Panasonic
ERJ-3GEYJ103V
2
R10, R16
10Ω
Film Resistor, 5%
SM0603
Panasonic
ERJ-3GEYJ100V
1
R14
3kΩ
Film Resistor, 5%
SM1206
Panasonic
ERJ-8GEYJ302V
1
SP1
Speaker Terminal
1
SW1
DPDT Slide Switch
E-Switch
EG2209A
1
U1
Class D Amplifier, 50W
TSSOP20
MPS
MP7782DF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com