Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1519 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1519
Description  1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1519 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1519 Datasheet HTML 1Page - Monolithic Power Systems MP1519 Datasheet HTML 2Page - Monolithic Power Systems MP1519 Datasheet HTML 3Page - Monolithic Power Systems MP1519 Datasheet HTML 4Page - Monolithic Power Systems MP1519 Datasheet HTML 5Page - Monolithic Power Systems MP1519 Datasheet HTML 6Page - Monolithic Power Systems MP1519 Datasheet HTML 7Page - Monolithic Power Systems MP1519 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP1519 – 1X, 1.5X, 2X CHARGE PUMP 4 WHITE LED DRIVER
MP1519 Rev. 1.9
www.MonolithicPower.com
2
7/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP1519DQ
QFN16
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP1519DQ–Z)
For RoHS Compliant Packaging, add suffix –LF
(eg. MP1519DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
VBATT to GND .............................................. 6.5V
Power Dissipation (QFN)........................... 1.0W
Logic Inputs to GND ................... –0.3V to +6.5V
Storage Temperature ..............–65
°C to +150°C
Junction Temperature...............................150
°C
Recommended Operating Conditions
(2)
Input Voltage VBATT...................... 2.5V to 5.5V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
3x3 QFN16 ............................. 60 ...... 14...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VBATT = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage
VBATT
2.5
5.5
V
VBATT at 1x to 1.5x Mode Switch
VBATT 1x-1.5x
ILED = 20mA, VBATT Decreasing,
VLED = 3.35V @ 20mA
3.6
V
VBATT at 1.5x to 2x Mode Switch
VBATT 1.5x-2x
ILED = 20mA, VBATT Decreasing,
VLED = 3.35V @ 20mA
2.8
V
VBATT at 2x to 1.5x Mode Switch
VBATT 2x-1.5x
VBATT Increasing,
VLED = 3.35V @ 20mA
3.1
V
VBATT at 1.5x to 1x Mode Switch
VBATT 1.5x-1x
VBATT Increasing,
VLED = 3.35V @ 20mA
3.8
V
Supply Current
IBATT
4 LEDs at 20mA, 2x Mode,
VBATT = 2.5V
164
180
mA
Supply Current Shutdown
IBATT SHDN VEN = 0V
0.1
1
µA
Current Matching
(4)
ILED MATCH ILED = 20mA
1.5
5.0
%
Enable Voltage, High
VEN (HIGH)
2.0
2.2
V
Enable Voltage, Low
VEN (LOW)
0.8
1.0
V
Enable Pin Leakage
IEN
VEN = 5V
0.1
1
µA
Charge Pump Frequency
FCP
VBATT = 3.3V
1.0
1.3
1.6
MHz
Time to Standby Mode
(5)
TOFF
Enable Switched Low
30
µs
Enable Pin PWM Frequency Limit
FHPWM
50
KHz
LED Current
ILED
RSET = 1.54kΩ
18
20
22
mA
Notes:
4) Matching is defined as the difference of the maximum to minimum current divided by the sum of the maximum and minimum currents.
5) Standby mode switches to shutdown when the output voltage on LEDC drifts back to GND.
TOP VIEW
EXPOSED PAD
CONNECT TO PIN 8
PIN 1 ID
LED4
NC
GND
C1A
EN
RADJ
GND
C2B
1
2
3
4
13
14
15
16
8
7
6
5
LEDC
C1B
C2A
BATT
BATT
LED1
LED2
LED3
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com