Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3762 Datasheet(PDF) 2 Page - EPCOS

Part # B3762
Description  SAW Components Low-loss Filter 868,30 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3762 Datasheet(HTML) 2 Page - EPCOS

  B3762 Datasheet HTML 1Page - EPCOS B3762 Datasheet HTML 2Page - EPCOS B3762 Datasheet HTML 3Page - EPCOS B3762 Datasheet HTML 4Page - EPCOS B3762 Datasheet HTML 5Page - EPCOS B3762 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Feb 27, 2004
SAW Components
B3762
868,30 MHz
Low-loss Filter
Data Sheet
Features
s
RF low-loss filter for remote control receivers
s
Package for Surface Mounted Technology
(SMT)
s
Balanced and unbalanced operation possible
s
Passivation layer: Protec
Terminals
s
Ni, gold plated
Pin configuration1)
1
Input (recommended) or Input Ground
2
Input Ground (recommended) or Input
5
Output (recommended) or Output Ground
6
Output Ground (recommended) or Output
4,8
Case - Ground
3,7
to be grounded
Electrostactic Sensitive Device (ESD)
Type
Ordering code
Marking and package
according to
Packing
according to
B3762
B39871-B3762-Z810
C61157-A7-A46
F61074-V8167-Z000
Maximum ratings
Operable temperature range
TA
–45/+120
˚C
Storage temperature range
Tstg
–45/+120
˚C
DC voltage
VDC
6V
Source power
PS
0
dBm
source impedance 50
Ω
typ. dimensions in mm, approx. weight 0,07 g
Ceramic package QCC8B
1) The recommended pin configuration usually offers best suppression of electrical crosstalk.The
filter characteristics refer to this configuration.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com