Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1522 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1522
Description  25V Step-Up Converter in a SOT23-5 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1522 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP1522 Datasheet HTML 1Page - Monolithic Power Systems MP1522 Datasheet HTML 2Page - Monolithic Power Systems MP1522 Datasheet HTML 3Page - Monolithic Power Systems MP1522 Datasheet HTML 4Page - Monolithic Power Systems MP1522 Datasheet HTML 5Page - Monolithic Power Systems MP1522 Datasheet HTML 6Page - Monolithic Power Systems MP1522 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MP1522 – 25V STEP-UP CONVERTER IN A SOT23-5 PACKAGE
MP1522 Rev. 1.9
www.MonolithicPower.com
6
12/9/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
PACKAGE INFORMATION
SOT23-5
1. Dimensions and tolerances are as per ANSI
2. Package surface to be matte finish VDI 11~13.
3. Die is facing up for mold. Die is facing
down for trim/form, ie. reverse trim/form.
4. The footlength measuring is based on the
5. Dimensions are exclusive of mold flash
NOTE:
Y14.5M, 1982.
gauge plane method.
and gate burr.
0.05(MIN)
10 TYP.
(2 plcs)
0
(2 plcs)
10 TYP.
0
0.15(MAX)
2.90±0.100
0.950
0.950
0.350(MIN)
TYP.
TYP.
(5 PLCS)
CL
CL
0.500(MAX)
5
0.45
0°~3°
10 TYP.
(2 plcs)
0
0.20 BSC.
Gauge Plane
±0.10
0.127 TYP
10 TYP.
0
(2 plcs)
Dimensions are in millimeters



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com