Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1527DR Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1527DR
Description  2A, 1.3MHz Step-Up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1527DR Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1527DR Datasheet HTML 6Page - Monolithic Power Systems MP1527DR Datasheet HTML 7Page - Monolithic Power Systems MP1527DR Datasheet HTML 8Page - Monolithic Power Systems MP1527DR Datasheet HTML 9Page - Monolithic Power Systems MP1527DR Datasheet HTML 10Page - Monolithic Power Systems MP1527DR Datasheet HTML 11Page - Monolithic Power Systems MP1527DR Datasheet HTML 12Page - Monolithic Power Systems MP1527DR Datasheet HTML 13Page - Monolithic Power Systems MP1527DR Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP1527
2A, 1.3MHz
Step-Up Converter
MP1527 Rev 1.8_8/31/05
Monolithic Power Systems, Inc.
13
Monolithic Power Systems
Packaging
QFN16 (4x4)
Pin 1 Identification
1
4
5
8
9
13
16
R0.030Max.
Side View
0.850 ( 0.0335)
0.950 (0.0374)
0.000-0.025
0.178 (0.007)
0.228 (0.009)
Btm View
Top View
3.950 (0.156)
4.050 (0.159)
3.950 (0.156)
4.050 (0.159)
Pin 1 Dot
By marking
(4 X 4mm)
QFN 16L
0.550 (0.217)
0.650 (0.256)
0.650
BSC
2.280 (0.898)
Ref.
0.40 (0.0158)
0.50 (0.0197)
2.35 (0.093)
2.45 (0.097)
0.28 (0.011)
0.38 (0.015)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com