Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1527DM Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1527DM
Description  2A, 1.3MHz Step-Up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1527DM Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1527DM Datasheet HTML 1Page - Monolithic Power Systems MP1527DM Datasheet HTML 2Page - Monolithic Power Systems MP1527DM Datasheet HTML 3Page - Monolithic Power Systems MP1527DM Datasheet HTML 4Page - Monolithic Power Systems MP1527DM Datasheet HTML 5Page - Monolithic Power Systems MP1527DM Datasheet HTML 6Page - Monolithic Power Systems MP1527DM Datasheet HTML 7Page - Monolithic Power Systems MP1527DM Datasheet HTML 8Page - Monolithic Power Systems MP1527DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP1527
2A, 1.3MHz
Step-Up Converter
MP1527 Rev 1.8_8/31/05
Monolithic Power Systems, Inc.
3
Monolithic Power Systems
Pin Descriptions
COMP
NC
BP
EN
Top
View
PGND
PGND
SW
SW
1
2
3
4
12
11
10
9
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
NC
IN
SW
PGND
SGND
FAULT
SGND
EN
BP
NC
COMP
FB
SS
Table 1: Pin Description
QFN
Pin
TSSOP
Pin
Name
Function
1
10
COMP
Compensation Node. COMP is the output of the internal transconductance error
amplifier. Connect a series RC network from COMP to SGND to compensate the
regulator control loop.
2, 6, 7
1, 2, 11
NC
No Connect
3
12
BP
Output of the internal 2.4V low dropout regulator.
Connect a 10nF bypass
capacitor between BP and SGND. Do not apply an external load to BP.
4
13
EN
Regulator On/Off Control Input. A logic high input (VEN>1.5V) turns on the
regulator, a logic low puts the MP1527 into low current shutdown mode.
5, 13
6, 14
SGND
Signal Ground
8
3
IN
Input Supply
9, 10
4
SW
Output Switching Node. SW is the drain of the internal n-channel MOSFET.
Connect the inductor and rectifier to SW to complete the step-up converter.
11, 12
5
PGND
Power Ground
14
7
FAULT
Fault Input/Output. FAULT is an Input/Output that indicates that the MP1527
detected a fault and shuts the regulator off once a fault is indicated. Connect the
FAULT input/outputs together for all MP1527 regulators to force all regulators off
when any one regulator detects a fault. Once a fault is detected, cycle EN or the
input power to restart the regulator. Pull FAULT to the input voltage through a
100kΩ resistor. Up to 20 FAULT input/outputs can be connected in parallel.
15
8
SS
Soft-Start Input. Connect a 10nF to 22nF capacitor from SS to SGND to set the
soft-start and fault timer periods.
SS sources 2
µA to an external soft-start
capacitor during start-up and when a fault is detected. As the voltage at SS
increases to 1.2V, the voltage at COMP is clamped to 0.7V above the voltage at
SS limiting the startup current. Under a fault condition, SS ramps at the same rate
as in soft-start. When the voltage at SS reaches 1.2V, FAULT is asserted and the
regulator is disabled. The external capacitor at SS is discharged to ground when
not in use or when under voltage lockout or thermal shutdown occurs.
16
9
FB
Regulation Feedback Input. Connect to external resistive voltage divider from the
output voltage to FB to set output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com