Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMA166S-L Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TMA166S-L
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TMA166S-L Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TMA166S-L Datasheet HTML 1Page - Inchange Semiconductor Company Limited TMA166S-L Datasheet HTML 2Page - Inchange Semiconductor Company Limited TMA166S-L Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Triacs
TMA166S-L
www.iscsemi.com
1
FEATURES
· Exceptional reliability
· 16 ARMS on-state current
· Uniform switching
APPLICATIONS
· White goods: washing machines
· Motor control for small tools
· General use switching mode power supplies (SMPS)
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
600
V
VRRM
Peak Non-Repetitive Off-State Voltage
700
V
IT(RMS)
RMS On-state Current, TC=66℃
16
A
ITSM
Non Repetitive Surge Peak On-state Current
(full cycle, F=50Hz)
160
A
I2t
I2t Value for Fusing (t=10ms)
128
A2S
PG(AV)
Average Gate Power Dissipation
0.5
W
PGM
Peak Gate Pwer
5
W
TJ
Operating Junction Temperature
125
℃
Tstg
Storage Temperature
-40~125
℃
VISO
Isolation Voltage
1800
V


Similar Part No. - TMA166S-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TMA166S-L SANKEN-TMA166S-L Datasheet
269Kb / 12P
Triac (Bidirectional Triode Thyristor)
More results

Similar Description - TMA166S-L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com