Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3768 Datasheet(PDF) 3 Page - EPCOS

Part # B3768
Description  SAW Components Low-loss Filter 313,85 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3768 Datasheet(HTML) 3 Page - EPCOS

  B3768 Datasheet HTML 1Page - EPCOS B3768 Datasheet HTML 2Page - EPCOS B3768 Datasheet HTML 3Page - EPCOS B3768 Datasheet HTML 4Page - EPCOS B3768 Datasheet HTML 5Page - EPCOS B3768 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Aug 11, 2004
SAW Components
B3768
313,85 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA
= –45 ... +95˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to
source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input imped-
ance into the input matching / output matching network is calculated.
The conjugate complex value of these characteristic impedances are the input and output imped-
ances for flat passband. For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
—
313,85
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
including loss in matching elements
—
1,9
2,9
dB
excluding loss in matching elements
—
1,3
2,3
dB
Pass band (relative to
α
min)
313,70 ... 314,00 MHz
—
0,5
2,0
dB
313,67 ... 314,03 MHz
—
0,7
3,0
dB
313,63 ... 314,07 MHz
—
1,0
6,0
dB
Filter bandwidth
α
rel≤ 3 dB
0,54
0,59
0,64
MHz
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 293,35 MHz
48
53
—
dB
293,35 ... 303,35 MHz
45
50
—
dB
303,35 ... 311,65 MHz
25
30
—
dB
311,65 ... 312,05 MHz
33
40
—
dB
312,05 ... 313,15 MHz
13
18
—
dB
314,55 ... 321,85 MHz
13
17
—
dB
321,85 ... 335,00 MHz
38
45
—
dB
335,00 ... 600,00 MHz
43
48
—
dB
600,00 ...1000,00 MHz
60
70
—
dB
Impedance for pass band matching 1)
Input:
ZIN
=
RIN
||
CIN
—
340 || 2,6
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
340 || 2,6
—
Ω || pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com