Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1567 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1567
Description  1.2A Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1567 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1567 Datasheet HTML 1Page - Monolithic Power Systems MP1567 Datasheet HTML 2Page - Monolithic Power Systems MP1567 Datasheet HTML 3Page - Monolithic Power Systems MP1567 Datasheet HTML 4Page - Monolithic Power Systems MP1567 Datasheet HTML 5Page - Monolithic Power Systems MP1567 Datasheet HTML 6Page - Monolithic Power Systems MP1567 Datasheet HTML 7Page - Monolithic Power Systems MP1567 Datasheet HTML 8Page - Monolithic Power Systems MP1567 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP1567 – 1.2A SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
MP1567 Rev. 2.3
www.MonolithicPower.com
2
1/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP1567DK
MSOP10
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP1567DK–Z)
For Lead Free, add suffix –LF (eg. MP1567DK–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Input Supply Voltage VIN ............................. 6.5V
SW Voltage VSW................... –0.3V to VIN + 0.3V
BS to SW Voltage .........................–0.3V to +6V
Voltage at All Other Pins ...............–0.3V to +6V
Storage Temperature.............. –55
°C to +150°C
Recommended Operating Conditions
(2)
Input Supply Voltage VIN ....................2.6V to 6V
Output Voltage VOUT........................0.9V to 4.5V
Operating Temperature............. –40
°C to +85°C
MP1567_PD02_QFN10
TOP VIEW
BS
IN
SW
PGND
SGND
1
2
3
4
5
EN
BP
COMP
FB
SS
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
Part Number**
Package
Temperature
MP1567DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
** For Tape & Reel, add suffix –Z (eg. MP1567DQ–Z)
For Lead Free, add suffix –LF (eg. MP1567DQ–LF–Z)
Thermal Resistance
(3)
θJA
θJC
MSOP10 ................................ 150 ..... 65...
°C/W
3x3 QFN10 ............................. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage Range
VIN
2.6
6
V
Input Undervoltage Lockout
2.2
V
Input Undervoltage Lockout Hysteresis
100
mV
Shutdown Supply Current
VEN ≤ 0.3V
0.5
1.0
µA
Operating Supply Current
VEN > 2V, VFB = 1.1V
1.2
1.8
mA
BP Voltage
VBP
VIN = 2.6 to 6V
2.4
V
EN Input Low Voltage
VIL
0.4
V
EN Input High Voltage
VHL
1.5
V
EN Hysteresis
100
mV
EN Input Bias Current
1
µA
Oscillator
Switching Frequency
fSW
800
KHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
85
%
Minimum On Time
tON
200
ns
BS
IN
SW
PGND
SGND
1
2
3
4
5
10
9
8
7
6
EN
BP
COMP
FB
SS
TOP VIEW
MP1567_PD01_MSOP10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com