Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1591 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1591
Description  2A, 32V, 330KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1591 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1591 Datasheet HTML 2Page - Monolithic Power Systems MP1591 Datasheet HTML 3Page - Monolithic Power Systems MP1591 Datasheet HTML 4Page - Monolithic Power Systems MP1591 Datasheet HTML 5Page - Monolithic Power Systems MP1591 Datasheet HTML 6Page - Monolithic Power Systems MP1591 Datasheet HTML 7Page - Monolithic Power Systems MP1591 Datasheet HTML 8Page - Monolithic Power Systems MP1591 Datasheet HTML 9Page - Monolithic Power Systems MP1591 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP1591 – 2A, 32V, 330KHz STEP-DOWN CONVERTER
MP1591 Rev. 2.1
www.MonolithicPower.com
6
12/5/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
The input capacitor value should be greater
than 10µF. The capacitor can be electrolytic,
tantalum or ceramic. However, since it absorbs
the input switching current it requires an
adequate ripple current rating. Its RMS current
rating should be greater than approximately 1/2
of the DC load current.
For insuring stable operation C1 should be
placed as close to the IC as possible.
Alternately, a smaller high quality ceramic
0.1µF capacitor may be placed closer to the IC
and a larger capacitor placed farther away. If
using this technique, it is recommended that the
larger capacitor be a tantalum or electrolytic
type. All ceramic capacitors should be placed
close to the MP1591.
Output Capacitor (C5)
The output capacitor is required to maintain the
DC output voltage. Low ESR capacitors are
preferred to keep the output voltage ripple low.
The characteristics of the output capacitor also
affect the stability of the regulation control
system. Ceramic, tantalum or low ESR
electrolytic capacitors are recommended. In the
case of ceramic capacitors, the impedance at
the switching frequency is dominated by the
capacitance, and so the output voltage ripple is
mostly independent of the ESR. The output
voltage ripple is estimated to be:
2
SW
LC
IN
RIPPLE
f
f
V
4
.
1
V
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
≅
Where VRIPPLE is the output ripple voltage, fLC is
the resonant frequency of the LC filter, fSW is the
switching frequency.
In the case of tantalum or low-ESR electrolytic
capacitors, the ESR dominates the impedance
at the switching frequency, and so the output
ripple is calculated as:
ESR
RIPPLE
R
I
V
×
∆
≅
Where VRIPPLE is the output voltage ripple and
RESR is the equivalent series resistance of the
output capacitors.
Output Rectifier Diode (D1)
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky rectifier.
Table 2 provides some recommended Schottky
rectifiers based on the maximum input voltage
and current rating.
Table 2—Diode Selection Guide
2A Load Current
3A Load Current
VIN
(Max)
Part
Number
Vendor
Part
Number
Vendor
15V
30BQ15
4
B220
1
B320
1
SK23
6
SK33
1, 6
20V
SR22
6
SS32
3
20BQ030
4
B330
1
B230
1
B340L
1
SK23
6
MBRD330
4, 5
SR23
3, 6
SK33
1, 6
30V
SS23
2, 3
SS33
2, 3
21DQ04
4
B340L
1
MBRS240L
5
MBRS340
4
SK24
6
SK34
1, 6
34V
SS24
2, 3
SS34
2, 3
Table 3 lists manufacturer’s websites.
Table 3—Schottky Diode Manufacturers
#
Vendor
Web Site
1
Diodes, Inc.
www.diodes.com
2
Fairchild Semiconductor
www.fairchildsemi.com
3
General Semiconductor
www.gensemi.com
4
International Rectifier
www.irf.com
5
On Semiconductor
www.onsemi.com
6
Pan Jit International
www.panjit.com.tw
Choose a rectifier whose maximum reverse
voltage rating is greater than the maximum
input voltage, and whose current rating is
greater than the maximum load current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com