Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2105 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2105
Description  1MHz, 800mA Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2105 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2105 Datasheet HTML 1Page - Monolithic Power Systems MP2105 Datasheet HTML 2Page - Monolithic Power Systems MP2105 Datasheet HTML 3Page - Monolithic Power Systems MP2105 Datasheet HTML 4Page - Monolithic Power Systems MP2105 Datasheet HTML 5Page - Monolithic Power Systems MP2105 Datasheet HTML 6Page - Monolithic Power Systems MP2105 Datasheet HTML 7Page - Monolithic Power Systems MP2105 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP2105 – 1MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2105 Rev. 1.2
www.MonolithicPower.com
2
8/19/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP2105DJ
TSOT23-5
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2105DJ–Z)
For Lead Free, add suffix –LF (eg. MP2105DJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND .................................. –0.3V to +6.5V
VSW to GND........................... –0.3V to VIN +0.3V
VFB, VEN to GND.......................... –0.3V to +6.5V
Junction Temperature.............................+150
°C
Lead Temperature ..................................+260
°C
Storage Temperature .............–65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN............................. 2.5V to 6V
Output Voltage VOUT .......................... 0.6V to 6V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSOT23-5.............................. 220 .... 110..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS (4)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current
VEN = VIN, VFB = 0.65V
440
600
µA
Shutdown Current
VEN = 0V, VIN = 6V
0.10
1
µA
IN Undervoltage Lockout
Threshold
Rising Edge
2.15
2.30
2.40
V
IN Undervoltage Lockout
Hysteresis
55
mV
TA = +25°C
0.588
0.600
0.612
Regulated FB Voltage
VFB
–40°C ≤ TA ≤ +85°C
0.582
0.600
0.618
V
FB Input Bias Current
VFB = 0.65V
–50
0.5
+50
nA
PFET On Resistance
ISW = 100mA
0.42
Ω
NFET On Resistance
ISW = –100mA
0.26
Ω
SW Leakage Current
VEN = 0V, VIN = 6V,
VSW = 0V or 6V
–1
+1
µA
PFET Current Limit
Duty Cycle = 100%,
Current Pulse Width < 1ms
1.2
1.6
2.1
A
Oscillator Frequency
fOSC
0.85
1.05
1.25
MHz
Thermal Shutdown Trip
Threshold
145
°C
EN Trip Threshold
–40°C ≤ TA ≤ +85°C
0.3
0.96
1.5
V
EN Input Current
VEN = 0V to 6V
–1
+1
µA
Notes:
4) 100% production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
TOP VIEW
EN
GND
SW
1
2
3
5
4
FB
IN
MP1557_PD01_TSOT23-5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com