Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2104DJ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2104DJ
Description  1.7MHz, 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2104DJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2104DJ Datasheet HTML 1Page - Monolithic Power Systems MP2104DJ Datasheet HTML 2Page - Monolithic Power Systems MP2104DJ Datasheet HTML 3Page - Monolithic Power Systems MP2104DJ Datasheet HTML 4Page - Monolithic Power Systems MP2104DJ Datasheet HTML 5Page - Monolithic Power Systems MP2104DJ Datasheet HTML 6Page - Monolithic Power Systems MP2104DJ Datasheet HTML 7Page - Monolithic Power Systems MP2104DJ Datasheet HTML 8Page - Monolithic Power Systems MP2104DJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2104 – 1.7MHz 600mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2104 Rev. 1.3
www.MonolithicPower.com
2
10/4/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP2104DJ
TSOT23-5
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2104DJ–Z)
For Lead Free, add suffix –LF (eg. MP2104DJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND ..................................–0.3V to +6.5V
VSW to GND........................... –0.3V to VIN +0.3V
VFB, VEN to GND ..........................–0.3V to +6.5V
SW Peak Current........................................ 1.4A
Junction Temperature.............................+150
°C
Lead Temperature
(2)..............................+260°C
Storage Temperature ............. –65
°C to +150°C
Part Number**
Package
Marking
Temp
MP2104DJ-1.5 TSOT23-5
D7YW
MP2104DJ-1.8 TSOT23-5
D8YW
–40
°C to
+85
°C
** For Tape & Reel, add suffix –Z (eg. MP2104DJ-1.5–Z)
For Lead Free, add suffix –LF (eg. MP2104DJ-1.5–LF–Z)
Recommended Operating Conditions
(3)
Supply Voltage VIN............................. 2.5V to 6V
Output Voltage VOUT .......................... 0.6V to 6V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-5.............................. 220 .... 110..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) For recommended IR reflow temperature information, refer to
MPS document MP2104_IRRTP.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS (5)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current
VEN = VIN, VFB = 0.65V
400
600
µA
Shutdown Current
VEN = 0V, VIN = 6V
0.01
1
µA
IN Under Voltage Lockout
Threshold
Rising Edge
2.10
2.27
2.45
V
IN Under Voltage Lockout
Hysteresis
55
mV
TA = +25°C, MP2104DJ
0.588
0.600
0.612
Regulated FB Voltage
–40°C ≤ TA ≤ +85°C
0.582
0.600
0.618
V
FB Input Bias Current
VFB = 0.65V, MP2104DJ
–50
0.5
+50
nA
TOP VIEW
EN
GND
SW
1
2
3
5
4
FB
IN
MP2104_PD01-TSOT23-5
TOP VIEW
EN
GND
SW
1
2
3
5
4
OUT
IN
MP2104_PD02-TSOT23-5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com