Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

546166 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 546166
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

546166 Datasheet(HTML) 2 Page - Festo Corporation.

  546166 Datasheet HTML 1Page - Festo Corporation. 546166 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
b-value
0.57
C value
41 l/sbar
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364 zone III
Housing material
Cast stainless steel
Material number of housing
1.4581
Seals material
NBR
Armature tube material
High-alloy steel
Product weight
1100 g
CE marking (see declaration of conformity)
as per EU pressure equipment directive
UKCA marking (see declaration of conformity)
according to UK regulations for pressure equipment
Corrosion resistance class (CRC)
3 - High corrosion stress
Max. torque for cover screw
30 Nm
Max. tightening torque for connecting thread
350 Nm
Max. tightening torque for coil fastening
2 Nm
7/8/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com