Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLL014
Description  55V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLL014 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLL014 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
0.015
V/°C Reference to 25°C, ID = 1mA
140
VGS = 10V, ID = 2.0A „
200
m
Ω VGS = 5.0V, ID = 1.2A „
280
VGS = 4.0V, ID = 1.0A „
VGS(th)
Gate Threshold Voltage
1.0
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
2.3
S
VDS = 25V, ID = 1.0A
25
µA
VDS = 55V, VGS = 0V
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
-100
VGS = -16V
Qg
Total Gate Charge
9.5
14
ID = 2.0A
Qgs
Gate-to-Source Charge
1.1
1.7
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
3.0
4.4
VGS = 10V, See Fig. 6 and 9 „
td(on)
Turn-On Delay Time
5.1
VDD = 28V
tr
Rise Time
4.9
ID = 2.0A
ns
td(off)
Turn-Off Delay Time
14
RG = 6.0Ω
tf
Fall Time
2.9
RD = 14Ω, See Fig. 10 „
Ciss
Input Capacitance
230
VGS = 0V
Coss
Output Capacitance
66
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
30
ƒ = 1.0MHz, See Fig. 5
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 2.0A, di/dt ≤ 170A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
Notes:
‚ VDD = 25V, starting TJ = 25°C, L = 4.0mH RG = 25Ω, IAS = 4.0A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
1.0
V
TJ = 25°C, IS = 2.0A, VGS = 0V „
trr
Reverse Recovery Time
41
61
ns
TJ = 25°C, IF = 2.0A
Qrr
Reverse RecoveryCharge
73
110
nC
di/dt = 100A/µs „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
16
1.3
A
Electrical CharacteristicsT
j
= 25°C unless otherwise specifed
55V N-Channel MOSFET
IRLL014
Page 2 of 8
Rev:2023A2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com