Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT94L31 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT94L31
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L31 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT94L31 Datasheet HTML 5Page - Exar Corporation XRT94L31 Datasheet HTML 6Page - Exar Corporation XRT94L31 Datasheet HTML 7Page - Exar Corporation XRT94L31 Datasheet HTML 8Page - Exar Corporation XRT94L31 Datasheet HTML 9Page - Exar Corporation XRT94L31 Datasheet HTML 10Page - Exar Corporation XRT94L31 Datasheet HTML 11Page - Exar Corporation XRT94L31 Datasheet HTML 12Page - Exar Corporation XRT94L31 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
XRT94L31
9
REV. 1.0.1
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
P5
TXLDATO_P
O
LVPEC
L
Transmit STS-3/STM-1 Data - Positive Polarity LVPECL Output:
This output pin, along with TXLDATO_N functions as the Transmit Data
Output (from the Transmit STS-3/STM-1 PECL Interface block), to the
Optical Transceiver (for transmission to remote terminal equipment) or to
the system back-plane (for transmission to some other System-Board).
For High-Speed Back-Plane Applications, data is output from these out-
put pins upon the rising/falling edge of TXLCLKO_P/TXLCLKO_N.
NOTE: For APS (Automatic Protection Switching) purposes, this output
pin, along with TXLDATO_N functions as the Primary Transmit
STS-3/STM-1 Data Output Port.
P6
TXLDATO_N
O
LVPEC
L
Transmit STS-3/STM-1 Data - Negative Polarity LVPECL Output:
This output pin, along with TXLDATO_P functions as the Transmit Data
Output (from the Transmit STS-3/STM-1 PECL Interface block), to the
Optical Transceiver (for transmission to remote terminal equipment) or to
the system back-plane (for transmission to some other System board).
For High-Speed Back-Plane Applications, data is output from these out-
put pins upon the rising/falling edge of TXLCLKO_P/TXLCLKO_N.
NOTE: For APS (Automatic Protection Switching) purposes, this output
pin, along with TXLDATO_P functions as the Primary Transmit
STS-3/STM-1 Data Output Port.
M4
TXLDATO_R_P
O
LVPEC
L
Transmit STS-3/STM-1 Data - Positive Polarity LVPECL Output -
Redundant Port:
This output pin, along with TXLDATO_R_N functions as the Transmit
Data Output (from the Transmit STS-3/STM-1 PECL Interface block), to
the Optical Transceiver or to the system back-plane.
For High-Speed Back-Plane Applications, data is output from these out-
put pins upon the rising/falling edge of TXLCLKO_R_P/
TXLCLKO_R_N).
NOTE: For APS (Automatic Protection Switching) purposes, this output
pin, along with TXLDATO_N functions as the Redundant
Transmit STS-3/STM-4 Data Output Port.
M3
TXLDATO_R_N
O
LVPEC
L
Transmit STS-3/STM-1 Data - Negative Polarity LVPECL Output -
Redundant Port:
This output pin, along with TXLDATO_R_P functions as the Transmit
Data Output (from the Transmit STS-3/STM-1 PECL Interface block), to
the Optical Transceiver (for transmission to remote terminal equipment)
or to the system back-plane (for transmission to some other System
board).
For High-Speed Back-Plane Applications, data is output from these out-
put pins upon the rising/falling edge of TXLCLKO_R_P/
TXLCLKO_R_N).Note:
NOTE: For APS (Automatic Protection Switching) purposes, this output
pin, along with TXLDATO_R_P functions as the Redundant
Transmit STS-3/STM-1 Data Output Port.
PIN DESCRIPTION OF THE XRT94L31 (REV. B)
PIN #
SIGNAL NAME
I/O
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com