Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1LIN Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # PESD1LIN
Description  SOD-323 ESD PROTECTION DEVICES R
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

PESD1LIN Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  PESD1LIN Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1LIN Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1LIN Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1LIN Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1LIN Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1LIN Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1LIN Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product profile
General description
PESD1LIN in a very small SOD323 (SC-76) Surface-Mounted Device (SMD) plastic
package designed to protect one automotive Local Interconnect Network (LIN) bus
line from the damage caused by ElectroStatic Discharge (ESD) and other transients.
Features and benefits
 ESD protection of one automotive LIN-bus line
 Asymmetrical diode configuration ensures an optimized protection against
ElectroMagnetic Interferences (EMI) of a LIN Electronic Control Unit (ECU)
 Max. peak pulse power: PPP =160 W at tp =8/20 s
 Low clamping voltage: VCL =40V at IPP =1A
 Ultra low leakage current: IRM <1nA
 ESD protection of up to 23 kV
 IEC 61000-4-2, level 4 (ESD)
 IEC 61000-4-5 (surge); IPP =3A at tp =8/20 s
 AEC-Q101 qualified
Applications
 LIN-bus protection
 Automotive applications
Quick reference data
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
PESD1LIN (15 V)
-
-
15
V
PESD1LIN (24 V)
-
-
24
V
Cd
diode capacitance
VR =0V;
f=1MHz
-13
17
pF
PESD1LIN
Rev:2023A2
1
Pinning information
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode 1 (15 V)
2
cathode 2 (24 V)
2
1
006aab041
12


Similar Part No. - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN PHILIPS-PESD1LIN Datasheet
86Kb / 12P
LIN bus ESD protection diode in SOD323
Rev. 01-26 October 2004
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD1LIN NXP-PESD1LIN Datasheet
205Kb / 12P
LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Rectron Semiconductor
PESD1LIN RECTRON-PESD1LIN Datasheet
320Kb / 9P
ESD protection diode
More results

Similar Description - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SD05T1 SANYO-SD05T1_12 Datasheet
58Kb / 4P
Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
SHENZHEN YONGERJIA INDU...
BAT54WS WINNERJOIN-BAT54WS_15 Datasheet
230Kb / 3P
SOD-323
BAV16WS WINNERJOIN-BAV16WS_15 Datasheet
170Kb / 2P
SOD-323
BAV19WS WINNERJOIN-BAV19WS_15 Datasheet
113Kb / 2P
SOD-323
logo
Vishay Siliconix
VLIN1626-02G VISHAY-VLIN1626-02G Datasheet
107Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
VLIN2626-02G VISHAY-VLIN2626-02G Datasheet
101Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
logo
Microdiode Semiconducto...
GBLC03CI CHENDA-GBLC03CI Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate ESD Protection Diodes
logo
Vishay Siliconix
VLIN2626-02G VISHAY-VLIN2626-02G_V01 Datasheet
114Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
19-Nov-2021
VLIN1626-02G VISHAY-VLIN1626-02G_V01 Datasheet
119Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
19-Nov-2021
VLIN1616-02G VISHAY-VLIN1616-02G_V01 Datasheet
114Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode in SOD-323
19-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com