Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2109 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2109
Description  Dual 1.2MHz, 800mA Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2109 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2109 Datasheet HTML 1Page - Monolithic Power Systems MP2109 Datasheet HTML 2Page - Monolithic Power Systems MP2109 Datasheet HTML 3Page - Monolithic Power Systems MP2109 Datasheet HTML 4Page - Monolithic Power Systems MP2109 Datasheet HTML 5Page - Monolithic Power Systems MP2109 Datasheet HTML 6Page - Monolithic Power Systems MP2109 Datasheet HTML 7Page - Monolithic Power Systems MP2109 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP2109 – DUAL 1.2MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2109 Rev.1.4
www.MonolithicPower.com
2
10/16/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP2109DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2109DQ–Z)
For Lead Free, add suffix –LF (eg. MP2109DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
VIN1/IN2 to GND ............................ –0.3V to +6.5V
VSW1/SW2 to GND................... –0.3V to VIN + 0.3V
VFB1/FB2, VEN1/EN2 to GND ............. –0.3V to +6.5V
Junction Temperature.............................+150
°C
Lead Temperature ..................................+260
°C
Storage Temperature .............–65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN1/IN2 ....................... 2.5V to 6V
Output Voltage VOUT1/OUT2 .................. 0.6V to 6V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN10 (3mm x 3mm)............. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS (4)
VIN1/IN2 = VEN1/EN2 = 3.6V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Each Converter Supply Current
VEN1/EN2 = VIN1/IN2, VFB1/FB2 = 0.65V
440
600
µA
Each Converter Shutdown
Current
VEN1/EN2 = 0V, VIN1/IN2 = 6V
0.10
1
µA
IN Under Voltage Lockout
Threshold
Rising Edge
2.15
2.30
2.40
V
IN Under Voltage Lockout
Hysteresis
55
mV
TA = +25°C
0.588
0.600
0.612
Regulated FB Voltage
VFB
–40°C ≤ TA ≤ +85°C
0.582
0.600
0.618
V
FB Input Bias Current
IFB
VFB1/FB2 = 0.65V
–50
0.5
+50
nA
PFET On Resistance
ISW1/SW2 = 100mA
0.42
Ω
NFET On Resistance
ISW1/SW2 = –100mA
0.26
Ω
SW Leakage Current
VEN1/EN2 = 0V, VIN1/IN2 = 6V
VSW1/SW2 = 0V or 6V
–2
+2
µA
PFET Current Limit
Duty Cycle = 100%,
Current Pulse Width < 1ms
0.9
1.3
1.8
A
Oscillator Frequency
fOSC
0.99
1.24
1.49
MHz
Thermal Shutdown Trip
Threshold
150
°C
EN Enable Threshold
–40°C ≤ TA ≤ +85°C
0.3
0.96
1.5
V
EN Input Current
VEN1/EN2 = 0V to 6V
–1
+1
µA
Notes:
4) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
MP2109_PD02_QFN10
TOP VIEW
EN1
FB1
IN2
GND2
SW2
1
2
3
4
5
SW1
GND1
IN1
FB2
EN2
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com