Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT94L33 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT94L33
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
PDF  862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT94L33 Datasheet HTML 5Page - Exar Corporation XRT94L33 Datasheet HTML 6Page - Exar Corporation XRT94L33 Datasheet HTML 7Page - Exar Corporation XRT94L33 Datasheet HTML 8Page - Exar Corporation XRT94L33 Datasheet HTML 9Page - Exar Corporation XRT94L33 Datasheet HTML 10Page - Exar Corporation XRT94L33 Datasheet HTML 11Page - Exar Corporation XRT94L33 Datasheet HTML 12Page - Exar Corporation XRT94L33 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 862 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– A
A
A T
T
T M
M
M R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
9
0x117F
Receive STS-3 Transport – TOH Capture Indirect Data
0x00
0x1180 – 0x11FF
Reserved
0x00
RECEIVE STS-3/STM-1 TOH PROCESSOR BLOCK – RECEIVE J0 (SECTION) TRACE MESSAGE BUFFER
0x1300 – 0x133F
Receive STS-3/STM-1 TOH Processor Block – Receive J0 (Section) Trace
Message Buffer – Expected and Received
0x00
0x1340 – 0x13FF
Reserved
0x00
TRANSMIT STS-3 TOH PROCESSOR BLOCK CONTROL REGISTERS
0x1800 – 0x1901
Reserved
0x00
0x1902
Transmit STS-3 Transport – SONET Transmit Control Register – Byte 1
0x00
0x1903
Transmit STS-1 Transport – SONET Transmit Control Register – Byte 0
0x00
0x1904 – 0x1915
Reserved
0x00
0x1916
Reserved
0x00
0x1917
Transmit STS-3 Transport – Transmit A1 Error Mask – Low Register – Byte 0
0x00
0x1918 – 0x191D
Reserved
0x00
0x191E
Reserved
0x00
0x191F
Transmit STS-3 Transport – Transmit A2 Error Mask – Low Register – Byte 0
0x00
0x1920 – 0x1921
Reserved
0x00
0x1923
Transmit STS-3 Transport – B1 Byte Error Mask Register
0x00
0x1924 – 0x1925
Reserved
0x00
0x1926
Reserved
0x00
0x1927
Transmit STS-3 Transport – Transmit B2 Byte Error Mask Register – Byte 0
0x00
0x1928 – 0x192A
Reserved
0x00
0x192B
Transmit STS-3 Transport – Transmit B2 Bit Error Mask Register – Byte 0
0x00
0x192C – 0x192D
Reserved
0x00
0x192E
Transmit STS-3 Transport – K1K2 (APS) Value Register – Byte 1
0x00
0x192F
Transmit STS-3 Transport – K1K2 (APS) Value Register – Byte 0
0x00
0x1930 – 0x1931
Reserved
0x00
0x1933
Transmit STS-3 Transport – RDI-L Control Register
0x00
0x1934 – 0x1936
Reserved
0x00
0x1937
Transmit STS-3 Transport – M0M1 Byte Value Register
0x00
0x1938 –
0x193A
Reserved
0x00
0x193B
Transmit STS-3 Transport – S1 Byte Value Register
0x00
0x193C – 0x193E
Reserved
0x00
0x193F
Transmit STS-3 Transport – F1 Byte Value Register
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com