Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2307DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2307DN
Description  3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2307DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2307DN Datasheet HTML 3Page - Monolithic Power Systems MP2307DN Datasheet HTML 4Page - Monolithic Power Systems MP2307DN Datasheet HTML 5Page - Monolithic Power Systems MP2307DN Datasheet HTML 6Page - Monolithic Power Systems MP2307DN Datasheet HTML 7Page - Monolithic Power Systems MP2307DN Datasheet HTML 8Page - Monolithic Power Systems MP2307DN Datasheet HTML 9Page - Monolithic Power Systems MP2307DN Datasheet HTML 10Page - Monolithic Power Systems MP2307DN Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP2307 – 3A, 23V, 340KHz SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
MP2307 Rev. 1.7
www.MonolithicPower.com
10
3/14/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL APPLICATION CIRCUIT
INPUT
4.75V to 23V
OUTPUT
3.3V
3A
C3
3.9nF
D1
B130
(optional)
C5
10nF
MP2307
BS
IN
FB
SW
SS
GND
COMP
EN
1
2
3
5
6
4
8
7
C6
(optional)
MP2307_F03
Figure 3—MP2307 with 3.3V Output, 22uF/6.3V Ceramic Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com