Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2355 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2355
Description  3A, 23V, 380KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2355 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2355 Datasheet HTML 1Page - Monolithic Power Systems MP2355 Datasheet HTML 2Page - Monolithic Power Systems MP2355 Datasheet HTML 3Page - Monolithic Power Systems MP2355 Datasheet HTML 4Page - Monolithic Power Systems MP2355 Datasheet HTML 5Page - Monolithic Power Systems MP2355 Datasheet HTML 6Page - Monolithic Power Systems MP2355 Datasheet HTML 7Page - Monolithic Power Systems MP2355 Datasheet HTML 8Page - Monolithic Power Systems MP2355 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2355 – 3A, 23V, 380KHz STEP-DOWN CONVERTER
MP2355 Rev. 1.4
www.MonolithicPower.com
4
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Circuit of Figure 2, VIN = 12V, VO = 3.3V, L1 = 15µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless
otherwise noted.
VO, AC
200mV/div.
IL
1A/div.
ILOAD
1A/div.
MP2355-TPC06
Load Transient
VOUT
2V/div.
IL
2A/div.
VOUT
2V/div.
IL
2A/div.
MP2355-TPC07
Short Circuit Protection
MP2355-TPC08
Short Circuit Recovery
PIN FUNCTIONS
Pin #
Name
Description
1
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from SS to
GND to set the soft-start period. A 0.1µF capacitor sets the soft-start period to 10ms. To
disable the soft-start feature, leave SS unconnected.
2
BST
High-Side Gate Drive Boost Input. BST supplies the drive for the high-side N-Channel
MOSFET switch. Connect a 10nF or greater capacitor from LX to BST to power the high
side switch.
3
VIN
Power Input. VIN supplies the power to the IC, as well as the step-down converter switches.
Drive VIN with a 4.75V to 23V power source. Bypass VIN to GND with a suitably large
capacitor to eliminate noise on the input to the IC. See Input Capacitor
4
LX
Power Switching Output. LX is the switching node that supplies power to the output.
Connect the output LC filter from LX to the output load. Note that a capacitor is required
from LX to BST to power the high-side switch.
5
GND
Ground. (Note: Connect the exposed pad on backside to Pin 5.)
6
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 1.222V. See
Setting the Output Voltage
7
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a
series RC network from COMP to GND to compensate the regulation control loop. In some
cases, an additional capacitor from COMP to GND is required. See Compensation
8
RUN
Enable/UVLO. A voltage greater than 2.71V enables operation. For complete low current
shutdown the EN pin voltage needs to be less than 900mV.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com