Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8016 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA8016
Description  2.5GHz low voltage fractional-N synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8016 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA8016 Datasheet HTML 9Page - NXP Semiconductors SA8016 Datasheet HTML 10Page - NXP Semiconductors SA8016 Datasheet HTML 11Page - NXP Semiconductors SA8016 Datasheet HTML 12Page - NXP Semiconductors SA8016 Datasheet HTML 13Page - NXP Semiconductors SA8016 Datasheet HTML 14Page - NXP Semiconductors SA8016 Datasheet HTML 15Page - NXP Semiconductors SA8016 Datasheet HTML 16Page - NXP Semiconductors SA8016 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Philips Semiconductors
Product specification
SA8016
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
13
Data format
Table 1. Format of programmed data
LAST IN
MSB
SERIAL PROGRAMMING FORMAT
FIRST IN LSB
p23
p22
p21
p20
../..
../..
p1
p0
Table 2. A word, length 24 bits
LAST IN
MSB
LSB
FIRST IN
Address
fmod
Fractional-N
Main Divider ratio
Spare
0
0
FM
NF2
NF1
NF0
N15
N14
N13
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
SP1
SP2
Default:
0
0
1
0
0
0
1
0
0
0
1
0
0
0
1
1
0
0
0
0
0
0
A word select
Fixed to 00.
Fractional Modulus select
FM 0 = modulo 8, 1 = modulo 5.
Fractional-N Increment
NF2..0 Fractional N Increment values 000 to 111.
N-Divider
N0..N15, Main divider values 512 to 65535 allowed for divider ratio.
Table 3. B word, length 24 bits
Address
REFERENCE DIVIDER
LOCK
PD
CP
FRACTIONAL COMPENSATION DAC
SPARE
0
1
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
LO
MAIN
CP0
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
SP3
Default:
0
0
0
1
0
1
0
0
0
1
0
0
0
0
1
0
1
0
0
0
0
0
B word select
Fixed to 01
R-Divider
R0..R9, Reference divider values 4 to 1023 allowed for divider ration.
Charge pump current
Ratio
CP0: Charge pump current ratio, see table of charge pump currents.
Lock detect output
L0
0
Main lock detect signal present at the LOCK pin (push/pull).
1
Main lock detect signal present at the LOCK pin (open drain).
When main loop is in power down mode, the lock indicator is low.
Power down
Main = 1: power to main divider, reference divider, main charge pumps, Main = 0 to power down.
Fractional Compensation
FC7..0 Fractional Compensation charge pump current DAC, values 0 to 255.
Table 4. D word, length 24 bits
Address
SYNTHESIZER TEST
BITS
SYNTHESIZER TEST BITS
1
1
0
–
–
–
–
–
Tspu
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
Default:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Tspu: Speed up = 1
Forces the main charge pumps in speed-up mode all the time.
NOTE: All test bits must be set to 0 for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com