Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3829 Datasheet(PDF) 3 Page - EPCOS

Part # B3829
Description  SAW Components Low-loss Filter 87,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3829 Datasheet(HTML) 3 Page - EPCOS

  B3829 Datasheet HTML 1Page - EPCOS B3829 Datasheet HTML 2Page - EPCOS B3829 Datasheet HTML 3Page - EPCOS B3829 Datasheet HTML 4Page - EPCOS B3829 Datasheet HTML 5Page - EPCOS B3829 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Nov 05, 2001
SAW Components
B3829
87,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T = -5 .. +85 ˚C
Terminating source impedance:
ZS=50 or 200 Ω and matching network
Terminating load impedance:
ZS=50 or 200 Ω and matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
87,0
—
MHz
Minimum insertion attenuation
α
min
—
4,7
7,0
dB
(including matching network)
Passband width
α
rel ≤ 3 dB
B3dB
—
330
—
kHz
Amplitude ripple (p-p)
fN ± 75 kHz
∆α
—
0,3
1,0
dB
Absolute group delay (at
fN)
τ
—
2,1
2,4
µs
Group delay ripple (p-p)
fN ± 75 kHz
∆τ
—
250
350
ns
Relative attenuation (relative to
α
min)
α
rel
fN ± 200 kHz ... fN ± 400 kHz
3,5
5
—
dB
fN ± 400 kHz ... fN ± 600 kHz
20
30
—
dB
fN ± 600 kHz ... fN ± 800 kHz
25
30
—
dB
fN ± 800 kHz ... fN ± 1600 kHz
28
35
—
dB
30,00 MHz ...
fN - 1,60 MHz
34
45
—
dB
fN + 1,60 MHz ...
180,00 MHz
34
45
—
dB
180 MHz ...
2000,00 MHz
50
60
—
dB
Input and output return loss
12
15
—
dB
Temperature coefficient of frequency 1)
TCf
—
–0,036
—
ppm/K2
Turnover temperature
T0
—45—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com