Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2363DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2363DN
Description  3A, 27V, 365KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2363DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2363DN Datasheet HTML 3Page - Monolithic Power Systems MP2363DN Datasheet HTML 4Page - Monolithic Power Systems MP2363DN Datasheet HTML 5Page - Monolithic Power Systems MP2363DN Datasheet HTML 6Page - Monolithic Power Systems MP2363DN Datasheet HTML 7Page - Monolithic Power Systems MP2363DN Datasheet HTML 8Page - Monolithic Power Systems MP2363DN Datasheet HTML 9Page - Monolithic Power Systems MP2363DN Datasheet HTML 10Page - Monolithic Power Systems MP2363DN Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP2363 – 3A, 27V, 365KHz STEP-DOWN CONVERTER
MP2363 Rev. 1.0
www.MonolithicPower.com
10
6/15/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
INPUT
4.75V to 27V
OUTPUT
3.3V
3A
C3
8.2nF
C6
OPEN
D1
B330A
C5
10nF
MP2363
BS
IN
FB
SW
SS
GND
COMP
EN
1
3
5
6
4
8
7
2
OPEN = AUTOMATIC
STARTUP
Figure 3—MP2363 for 3.3V Output with 47µF, 6.3V Ceramic Output Capacitor
INPUT
4.75V to 27V
OUTPUT
5V
3A
C3
10nF
C6
OPEN
D1
C5
10nF
MP2363
BS
IN
FB
SW
SS
GND
COMP
EN
1
3
5
6
4
8
7
2
OPEN = AUTOMATIC
STARTUP
Figure 4—MP2363 for 5V Output with 47µF, 6.3V Ceramic Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com