Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

METROXS Datasheet(PDF) 2 Page - Exar Corporation

Part # METROXS
Description  INDUSTRY-FIRST, 5G MULTI-SERVICE ACCESS PLATFORM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

METROXS Datasheet(HTML) 2 Page - Exar Corporation

  METROXS Datasheet HTML 1Page - Exar Corporation METROXS Datasheet HTML 2Page - Exar Corporation METROXS Datasheet HTML 3Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
METRO XS
PRELIMINARY
2
INDUSTRY-FIRST, 5G MULTI-SERVICE ACCESS PLATFORM
REV. P1.0.0
• Separate shapers for 4 Classes
• Supports Spatial reuse
• Support wrap and steer protection with WTR < 50 ms
• Each ringlet can support bandwidth of 2.5 Gbps
• Client side add/drop of 5 Gbps
• Provide counters for unicast, multicast, broadcast frame
and byte counters for 4 Classes
REFERENCE DESIGN
Hardware includes XRT95L53 (MPoS Framer), XRT91L80
(SONET PHY),RPR-MAC, Ethernet Aggr Mux with a
MPC866 PPC SBC using embedded Linux 2.6 and
associated drivers. The box is shipped with the following
interfaces:
• Clients: 4 GE RJ-45 copper ports
• Network Trunk: 2xOC-48 rings
• 10/100 RJ-45 Management port
• RS232 DB-9 Serial craft port
Collateral supplied:
• H/W Schematics
• Board PCB Layout
• Board Design Guidelines
• Quick User’s Guide
• S/W API Documents
• Datasheets for each device
■ XRT95L53
■ XRT91L80
■ RPR-MAC
■ Ethernet Aggr Mux
Sheet Metal Enclosure:
• 1 RU, 19" Rack mountable
FIGURE 1. BLOCK DIAGRAM OF XRT91L82



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com