Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2364DS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2364DS
Description  Dual 1.5A, 23V, 1.4MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2364DS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2364DS Datasheet HTML 4Page - Monolithic Power Systems MP2364DS Datasheet HTML 5Page - Monolithic Power Systems MP2364DS Datasheet HTML 6Page - Monolithic Power Systems MP2364DS Datasheet HTML 7Page - Monolithic Power Systems MP2364DS Datasheet HTML 8Page - Monolithic Power Systems MP2364DS Datasheet HTML 9Page - Monolithic Power Systems MP2364DS Datasheet HTML 10Page - Monolithic Power Systems MP2364DS Datasheet HTML 11Page - Monolithic Power Systems MP2364DS Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2364 — DUAL 1.5A, 23V, 1.4MHz STEP-DOWN CONVERTER
MP2364 Rev. 1.4
www.MonolithicPower.com
10
3/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL APPLICATION CIRCUITS
MP2364
SSB
BSB
NC2
INB
SWB
PGB
SGB
FBA
COMPA
ENA
10
9
8
7
6
5
4
3
2
1
SSA
NC1
BSA
INA
SWA
PGA
SGA
FBB
COMPB
ENB
20
19
18
17
16
15
14
13
12
11
D1A
B230A
C3B
3.3nF
C5A
10nF
D1B
B230A
C5B
10nF
2.5V @ 1.5A
OFF ON
MP2364_F03
3.3V @ 1.5A
12V
OFF ON
C6A
82pF
C3A
2.2nF
Figure 3—2.5V @ 1.5A and 3.3V @ 1.5A Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com