Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3213DH Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3213DH
Description  700KHz/1.3MHz Boost Converter with a 3.5A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3213DH Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3213DH Datasheet HTML 1Page - Monolithic Power Systems MP3213DH Datasheet HTML 2Page - Monolithic Power Systems MP3213DH Datasheet HTML 3Page - Monolithic Power Systems MP3213DH Datasheet HTML 4Page - Monolithic Power Systems MP3213DH Datasheet HTML 5Page - Monolithic Power Systems MP3213DH Datasheet HTML 6Page - Monolithic Power Systems MP3213DH Datasheet HTML 7Page - Monolithic Power Systems MP3213DH Datasheet HTML 8Page - Monolithic Power Systems MP3213DH Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP3213 – 700KHZ/1.3MHZ BOOST CONVERTER WITH A 3.5A SWITCH
MP3213 Rev. 1.1
www.MonolithicPower.com
2
5/12/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
COMP
FB
EN
GND
1
2
3
4
8
7
6
5
SS
FSEL
IN
SW
TOP VIEW
Part Number*
Package
Temperature
MP3213DH
MSOP8
(Exposed Pad)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP3213DH–Z)
For RoHS Compliant Packaging, add suffix –LF (eg.
MP3213DH–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
SW............................................... –0.5V to +25V
IN ............................................... –0.5V to +25V
All Other Pins.............................. –0.3V to +6.5V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN........................... 2.5V to 22V
Output Voltage VOUT ........................... 3V to 22V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
θJA
θJC
MSOP8 ................................... 80 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
2.5
22
V
Undervoltage Lockout
VIN Rising
2.15
2.45
V
Undervoltage Lockout
Hysteresis
100
mV
Supply Current (Shutdown)
VEN = 0V
0.1
1
µA
Supply Current (Quiescent)
VFB = 1.35V
700
900
µA
VFSEL = VIN
1.1
1.3
1.5
MHz
Switching Frequency
fSW
VFSEL = GND
560
700
840
KHz
FSEL High Threshold
VFSEL Rising
1.5
V
FSEL Low Threshold
0.5
V
VFB = 0V, VFSEL = VIN
85
90
%
Maximum Duty Cycle
VFB = 0V, VFSEL = GND
92
95
EN High Threshold
VEN Rising
1.5
V
EN Low Threshold
0.5
V
EN Input Bias Current
VEN = 0V, 5V
1
µA
Soft-Start Current
6
µA
FB Voltage
1.225
1.25
1.275
V
FB Input Bias Current
–200
–100
nA
Error Amp Voltage Gain
AVEA
1000
V/V
Error Amp
Transconductance
GEA
350
µmho
Error Amp Output Current
35
µA
SW On-Resistance
(3)
RON
0.18
Ω
SW Current Limit
(3)
Duty Cycle = 0%
3.5
A
SW Current Limit
(3)
Duty Cycle = 50%
2.7
A
SW Leakage
VSW = 20V
1
µA
Thermal Shutdown
(3)
160
°C
Note:
3) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com