Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6001 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6001
Description  Monolithic Flyback/Forward dd-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6001 Datasheet HTML 1Page - Monolithic Power Systems MP6001 Datasheet HTML 2Page - Monolithic Power Systems MP6001 Datasheet HTML 3Page - Monolithic Power Systems MP6001 Datasheet HTML 4Page - Monolithic Power Systems MP6001 Datasheet HTML 5Page - Monolithic Power Systems MP6001 Datasheet HTML 6Page - Monolithic Power Systems MP6001 Datasheet HTML 7Page - Monolithic Power Systems MP6001 Datasheet HTML 8Page - Monolithic Power Systems MP6001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP6001 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP6001 Rev. 0.91
www.MonolithicPower.com
2
4/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
GND
LINE
FB
COMP
SW
VIN
VCC
RT
1
2
3
4
8
7
6
5
TOP VIEW
MP6001_PD01_SOIC8N
Part Number*
Package
Temperature
MP6001DN
SOIC8N
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP6001DN–Z)
For RoHS compliant packaging, add suffix –LF (eg. MP6001DN–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
VSW............................................. –0.5V to +180V
VIN ............................................. –0.3V to +120V
All Other Pins.............................. –0.3V to +6.5V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature ..............–65°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VCC........................... 4.5 V to 6V
Output Voltage VSW.................... –0.5V to +150V
Input Voltage VIN........................ –0.3V to +100V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8N (Exposed Pad) ......... 50 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VCC = 5.0V, VLINE = 1.8V, RT = 10k, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Quiescent Supply Current
ICC
1.2V < VLINE < 3.2V, VFB = 1.3V
1.0
1.5
mA
Line OV Threshold Voltage
VCC = 5.0V
2.85
3
3.15
V
Line OV Hysteresis
VCC = 5.0V
300
mV
Line UV Threshold Voltage
VCC = 5.0V
1.16
1.21
1.26
V
Line UV Hysteresis
VCC = 5.0V
100
mV
VCC Upper Threshold Voltage
5.75
6.0
6.25
V
VCC Lower Threshold Voltage
4.30
4.50
4.70
V
Feedback Voltage
VFB
1.16
1.21
1.26
V
Feedback Input Current
IFB
VFB = 1.2V
50
nA
Error Amplifier Gain Bandwidth
(4)
GBW
1
MHz
Error Amplifier DC Gain
(4)
AV
60
dB
Comp Output Source Current
IOH
VFB = 1.0V, VCOMP = 0.5V
2
mA
Comp Output Sink Current
IOL
VFB = 1.4V, VCOMP = 2.5V
2
mA
Switch-On Resistance
RON
VSW = 0.1V
0.9
Ω
Switch Leakage Current
ILK
VSW = 150V
1
µA
Minimum Oscillating Frequency
FMIN
RT = 100k
55
KHz
Maximum Oscillating Frequency
FMAX
RT = 10k
550
KHz
Thermal Shutdown
(4)
150
°C
Thermal Shutdown Hysteresis
(4)
30
°C
Current Limit
(4)
ILIM
2
A
Startup Current
Ist
VIN = 20V, VCC = 4.0V
3
mA
Note:
4) Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com