Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069329 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1069329
Description  M23-12S2N8AA600S - Device connector front mounting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069329 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1069329 Datasheet HTML 1Page - PHOENIX CONTACT 1069329 Datasheet HTML 2Page - PHOENIX CONTACT 1069329 Datasheet HTML 3Page - PHOENIX CONTACT 1069329 Datasheet HTML 4Page - PHOENIX CONTACT 1069329 Datasheet HTML 5Page - PHOENIX CONTACT 1069329 Datasheet HTML 6Page - PHOENIX CONTACT 1069329 Datasheet HTML 7Page - PHOENIX CONTACT 1069329 Datasheet HTML 8Page - PHOENIX CONTACT 1069329 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Device connector front mounting, series: M23 PRO, angled rotatable, shielded: yes, for
standard and ONECLICK fast locking system, No. of pos.: 12, Direction of rotation: Counter
direction, contact connection type: Socket, Crimp connection, flange dimensions: 28 mm x 28
mm, coding: N, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Solutions with cross-manufacturer compatibility for standard and fast locking systems
•
Modern, consistent design for highly convenient operation
•
Crimping connection: vibration- and temperature-resistant assembly
•
All housing can be fitted with pin or socket contacts
•
Safe use in the field, thanks to high degree of protection
•
Commercial data
Item number
1069329
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
AB30
Product key
ABRABM
GTIN
4055626762081
Weight per piece (including packing)
127.733 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85366990
Country of origin
DE
M23-12S2N8AA600S - Device connector front
mounting
1069329
https://www.phoenixcontact.com/us/products/1069329
Jun 13, 2024, 6:24 AM
Page 1 (19)


Similar Part No. - 1069329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1069320 PHOENIX-1069320 Datasheet
589Kb / 17P
M23-12S2N8A8003S - Cable connector
1069321 PHOENIX-1069321 Datasheet
349Kb / 9P
M23-12S2N8A8004S - Cable connector
1069323 PHOENIX-1069323 Datasheet
615Kb / 16P
M23-12P2N8A8002S - Cable connector
1069324 PHOENIX-1069324 Datasheet
569Kb / 16P
M23-12P2N8A8003S - Cable connector
1069325 PHOENIX-1069325 Datasheet
568Kb / 16P
M23-12P2N8A8004S - Cable connector
More results

Similar Description - 1069329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628834 PHOENIX-1628834 Datasheet
654Kb / 14P
M23-5ES198AW500S - Device connector front mounting
1628484 PHOENIX-1628484 Datasheet
601Kb / 15P
M23-7EP198AA600S - Device connector front mounting
1628486 PHOENIX-1628486 Datasheet
620Kb / 16P
M23-7EP198AA500S - Device connector front mounting
1628487 PHOENIX-1628487 Datasheet
589Kb / 14P
M23-5EP198AA500S - Device connector front mounting
1628492 PHOENIX-1628492 Datasheet
723Kb / 18P
M23-17P1N8AA600S - Device connector front mounting
1628496 PHOENIX-1628496 Datasheet
725Kb / 19P
M23-17P1N8AA500S - Device connector front mounting
1628776 PHOENIX-1628776 Datasheet
636Kb / 13P
M23-5EP198AW600S - Device connector front mounting
1628777 PHOENIX-1628777 Datasheet
675Kb / 16P
M23-7EP198AW500S - Device connector front mounting
1629088 PHOENIX-1629088 Datasheet
785Kb / 19P
M23-12P1N8AW500S - Device connector front mounting
1628833 PHOENIX-1628833 Datasheet
677Kb / 16P
M23-7ES198AW500S - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com