Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3849 Datasheet(PDF) 3 Page - EPCOS

Part # B3849
Description  SAW Components Low-Loss Filter 357,1 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3849 Datasheet(HTML) 3 Page - EPCOS

  B3849 Datasheet HTML 1Page - EPCOS B3849 Datasheet HTML 2Page - EPCOS B3849 Datasheet HTML 3Page - EPCOS B3849 Datasheet HTML 4Page - EPCOS B3849 Datasheet HTML 5Page - EPCOS B3849 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jul 30, 2002
SAW Components
B3849
357,1 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -35 .. 85 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating source impedance:
ZS = 50 Ω and matching network
Group delay aperture:
200 kHz
min.
typ.
max.
Nominal frequency
fN
—
357,1
—
MHz
Minimum insertion attenuation
α
min
—
9,7
11,0
dB
Amplitude ripple (p-p)
∆α
347,1
... 367,1
MHz
—
0,6
1,0
dB
Pass bandwidth
α
rel ≤ 1,0 dB
B1,0dB
—
32
—
MHz
Relative attenuation (relative to
α
min)
α
rel
1,0
... 332,1
MHz
35
50
—
dB
382,1
...1000,0
MHz
35
42
—
dB
Group delay ripple (p-p)
∆τ
347,1
... 367,1
MHz
—
25
70
ns
Absolute group delay
τ
—
0,5
0,6
µs
1 dB compression
347,1
... 367,1
MHz
12
—
—
dBm
Input IP3
347,1
... 367,1
MHz
32
—
—
dBm
Temperature coefficient of frequency
TCf
—
– 87
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com