Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3869 Datasheet(PDF) 3 Page - EPCOS

Part # B3869
Description  SAW Components Low-Loss Filter 150,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3869 Datasheet(HTML) 3 Page - EPCOS

  B3869 Datasheet HTML 1Page - EPCOS B3869 Datasheet HTML 2Page - EPCOS B3869 Datasheet HTML 3Page - EPCOS B3869 Datasheet HTML 4Page - EPCOS B3869 Datasheet HTML 5Page - EPCOS B3869 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sep 02, 2002
SAW Components
B3869
150,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -40˚C ... 85˚C
Terminating source impedance:
ZS = 50 Ω and external matching network
Terminating load impedance:
ZL = 50 Ω and external matching network
min.
typ.
max.
Nominal frequency
fN
—
150,0
—
MHz
Pass bandwidth
B1,0dB
α
rel ≤ 1,0 dB
8
9,3
—
MHz
Minimum insertion attenuation
α
min
—
10,8
13,0
dB
(including matching network)
Pass band ripple (p-p)
∆α
fN – 4,0 MHz ... fN +4,0 MHz
—
0,45
0,75 dB
Average group delay
τ
fN – 4,0 MHz ... fN +4,0 MHz
—
0,9
1,8
µs
Group delay ripple (p-p)
∆τ
fN – 4,00 MHz... fN +4,00 MHz
—
45
150
ns
Phase ripple (p-p)
∆ϕ
fN – 4,00 MHz... fN +4,00 MHz
—
4,5
7,0
˚
Relative attenuation (relative to
α
min)
α
rel
fN ± 7,125 MHz ... fN ± 100,0 MHz
35
45
—
dB
VSWR
fN – 4,00 MHz... fN +4,00 MHz
—
1.55:1
1.8:1
dB
Temperature coefficient of frequency
TCf
—
– 18
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com