Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3896 Datasheet(PDF) 2 Page - EPCOS

Part # B3896
Description  SAW Components Low-Loss Filter 169,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3896 Datasheet(HTML) 2 Page - EPCOS

  B3896 Datasheet HTML 1Page - EPCOS B3896 Datasheet HTML 2Page - EPCOS B3896 Datasheet HTML 3Page - EPCOS B3896 Datasheet HTML 4Page - EPCOS B3896 Datasheet HTML 5Page - EPCOS B3896 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Dec 05, 2003
SAW Components
B3896
169,0 MHz
Low-Loss Filter
Data Sheet
top view
side view
bottom view
13,3
1,0
7,62
12
3
4
5
6
7
8
9
10
3,81
Ceramic package DCC12A
Features
q
Low-loss IF-filter for WCDMA base stations
q
Usable bandwidth 4,0 MHz
q
Ceramic SMD package
Terminals
q
Gold plated
Dimensions in mm, approx. weight 0,4
Pin configuration
1, 10
Balanced Input
5, 6
Balanced Output
3, 8
Ground
2, 4, 7, 9
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3896
B39171-B3896-H510
C61157-A7-A94
F61074-V8163-Z000
Maximum ratings
Operable temperature range
TA
–40 / +85
˚C
Storage temperature range
Tstg
–40 / +85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm
average over 1 ms
Source power
Ps
20
dBm
peak < 1
µs in passband



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com