Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA403F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA403F
Description  6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA403F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA403F Datasheet HTML 1Page - Solid States Devices, Inc SDA403F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
6 AMPS
STANDARD RECOVERY
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
SDA403A
through
SDA403G
• Up to 1000 V Blocking Voltage
• Average Output Current 6 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Electrically Insulated Aluminum Case
• TX and TXV Level Screening Available
• Fast and Ultra Fast Recovery Versions Available. Consult
Factory.
1.30
Maximum Ratings
SYMBOL
UNITS
VALUE
6
Amps
Io
Average Rectified Forward Current
(Resistive load, 60Hz, Sine Wave, TC = 55oC)
30
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25oC)
Maximum Thermal Resistance
Junction to Case
8.5
oC/W
θJC
oC
-55 TO +150
175
TOP & Tstg
TJ
Operating and Storage Temperature
Maximum Junction Temperature
50
100
200
400
600
800
1000
Volts
VRRM
VRWM
VR
Peak Repetitive Reverse and
DC Blocking Voltage
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0005B
SDA403A
SDA403B
SDA403C
SDA403D
SDA403E
SDA403F
SDA403G
SDA403
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773


Similar Part No. - SDA403F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA403FF SSDI-SDA403FF Datasheet
147Kb / 1P
FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
More results

Similar Description - SDA403F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA295A SSDI-SDA295A Datasheet
53Kb / 2P
5 AMPS 50 - 1000 VOLTS STANDARD RECOVERY THREE PHASE BRIDGE
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA316A SSDI-SDA316A Datasheet
100Kb / 1P
STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER
RA0010 SSDI-RA0010_15 Datasheet
54Kb / 2P
STANDARD RECOVERY THREE PHASE BRIDGE
RA0022 SSDI-RA0022_15 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY
logo
Naina Semiconductor ltd...
MDS110 NAINA-MDS110 Datasheet
282Kb / 2P
Three Phase Bridge Rectifier, 110 Amps
MDS160 NAINA-MDS160 Datasheet
321Kb / 2P
Three Phase Bridge Rectifier, 160 Amps
MDS30 NAINA-MDS30 Datasheet
158Kb / 2P
Three Phase Bridge Rectifier, 30 Amps
MDS200 NAINA-MDS200 Datasheet
304Kb / 2P
Three Phase Bridge Rectifier, 200 Amps
MDS80 NAINA-MDS80 Datasheet
212Kb / 2P
Three Phase Bridge Rectifier, 80 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com