Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4230 Datasheet(PDF) 2 Page - EPCOS

Part # B4230
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4230 Datasheet(HTML) 2 Page - EPCOS

  B4230 Datasheet HTML 1Page - EPCOS B4230 Datasheet HTML 2Page - EPCOS B4230 Datasheet HTML 3Page - EPCOS B4230 Datasheet HTML 4Page - EPCOS B4230 Datasheet HTML 5Page - EPCOS B4230 Datasheet HTML 6Page - EPCOS B4230 Datasheet HTML 7Page - EPCOS B4230 Datasheet HTML 8Page - EPCOS B4230 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Jul 10, 2002
SAW Components
B4230
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Ceramic package QCC8E
1,0 1,0
0,5
1,0
bottom view
side view
top view
3,0
5
6
7
1
2
3
Features
s
Low-loss RF filter for mobile telephone EGSM
and PCN system , receive path
s
Usable passband:
Filter 1 (EGSM): 35 MHz
Filter 2 (PCN):
75 MHz
s
Suitable for GPRS class 1 to 12
s
Ceramic
package
for
Surface
Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
1
Input [ Filter 1]
3
Input [ Filter 2 ]
5
Output [ Filter 2 ]
7
Output [ Filter 1 ]
2, 6
to be grounded
4, 8
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4230
B39182-B4230-H410
C61157-A7-A92
F61074-V8129-Z000
Maximum ratings
Operable temperature range
T
– 20 / + 70
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3V
Input power max.
EGSM:
PCN:
PIN
15
12
dBm
dBm
1
2,4
3
7
6,8
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com