Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4236 Datasheet(PDF) 2 Page - EPCOS

Part # B4236
Description  SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/809,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4236 Datasheet(HTML) 2 Page - EPCOS

  B4236 Datasheet HTML 1Page - EPCOS B4236 Datasheet HTML 2Page - EPCOS B4236 Datasheet HTML 3Page - EPCOS B4236 Datasheet HTML 4Page - EPCOS B4236 Datasheet HTML 5Page - EPCOS B4236 Datasheet HTML 6Page - EPCOS B4236 Datasheet HTML 7Page - EPCOS B4236 Datasheet HTML 8Page - EPCOS B4236 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Oct 14, 2005
SAW Components
B4236
769,0/809,5 MHz
Low-Loss ’2 in 1’ Filter for Mobile Communication
Preliminary Data
1,0 1,0
0,5
1,0
bottom view
side view
top view
3,0
5
6
7
1
2
3
Ceramic package QCC8E
Features
s
Low-loss ‘2 in 1’ RF filter for Trunked Radio
s
Device with two integrated Rx filters
s
Low amplitude ripple
s
Usable passband filter 1: 31,0 MHz
s
Usable passband filter 2: 14,0 MHz
s
No matching network required for operation at
50
Ω
s
Package for Surface Mounted
Technology (SMT)
s
RoHS Compliant
Terminals
s
Ni, gold-plated
Pin configuration
1
Input (filter 1)
7
Output (filter 1)
3
Input (filter 2)
5
Output (filter 2)
2,6
Ground
4,8
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4236
B39811-B4236-H410
C61157-A7-A92
F61074-V8174-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD voltage
V*ESD
100
V
Machine Model, 10 pulses
Source power (cw)
PS
15
dBm
source and load impedance 50
Ω
Dimensions in mm, approx. weight 27mg
*-acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com