Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4841 Datasheet(PDF) 3 Page - EPCOS

Part # B4841
Description  SAW Components Low-Loss Filter for Mobile Communication 440,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4841 Datasheet(HTML) 3 Page - EPCOS

  B4841 Datasheet HTML 1Page - EPCOS B4841 Datasheet HTML 2Page - EPCOS B4841 Datasheet HTML 3Page - EPCOS B4841 Datasheet HTML 4Page - EPCOS B4841 Datasheet HTML 5Page - EPCOS B4841 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Aug 20, 2001
SAW Components
B4841
440,00 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics for balanced operation
Operating temperature range:
T
= -20 to 70 ˚C
Terminating source impedance:
ZS = 360 Ω || -1,5 pF
Terminating load impedance:
ZL = 340 Ω || -1,7 pF
1) Temperature dependence of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
440,0
—
MHz
Minimum insertion attenuation
α
min
including losses in matching network
—
4,6
5,5
dB
including losses in matching network and balun
—
5,7
6,5
dB
Amplitude ripple in passband (p-p)
∆α
fN -
67,0 kHz ... fN +
67,0 kHz
—
0,4
2,0
dB
fN -
80,0 kHz ... fN +
80,0 kHz
—
0,5
3,0
dB
Group delay ripple (p-p)
∆τ
fN -
80,0 kHz ... fN +
80,0 kHz
—
0,6
1,5
µs
Relative attenuation (relative to
α
min)
α
rel
fN - 75,00 MHz ... fN -
1,60 MHz
55
62
—
dB
fN -
1,60 MHz ... fN -
0,80 MHz
38
46
—
dB
fN -
0,80 MHz ... fN -
0,60 MHz
32
55
—
dB
fN -
0,60 MHz ... fN -
0,40 MHz
18
33
—
dB
fN + 0,40 MHz ... fN +
0,60 MHz
18
28
—
dB
fN + 0,60 MHz ... fN +
0,80 MHz
32
40
—
dB
fN + 0,80 MHz ... fN +
1,60 MHz
38
47
—
dB
fN + 1,60 MHz ... fN + 75,00 MHz
55
60
—
dB
Impedance within the passband
Input:
ZIN
=
RIN
||
CIN
—
360 || 1,5
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
340 || 1,7
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
-0,036
—
ppm/K2
Turnover temperature
T0
—25
—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com