Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4926 Datasheet(PDF) 2 Page - EPCOS

Part # B4926
Description  SAW Components Low-Loss Filter for Mobile Communication 133,2 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4926 Datasheet(HTML) 2 Page - EPCOS

  B4926 Datasheet HTML 1Page - EPCOS B4926 Datasheet HTML 2Page - EPCOS B4926 Datasheet HTML 3Page - EPCOS B4926 Datasheet HTML 4Page - EPCOS B4926 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Apr 02, 2003
SAW Components
B4926
133,2 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package QCC12C
7,0
2,54
0,6
2
1
9
8
top view
side view
bottom view
7
3
Features
q
Low-loss IF filter for mobile telephone
q
Channel selection in GSM systems
q
Hermetically sealed ceramic SMD package
q
Balanced and unbalanced operation possible
q
No coupling coil required
Terminals
q
Gold-plated Ni
Dimensions in mm, approx. weight 0,25 g
Pin configuration
10
Input
12
Input ground or balanced input
4
Output
6
Output ground or balanced output
3, 9
Case ground
1, 2, 7, 8
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4926
B39131-B4926-H310
C61157-A7-A95
F61074-V8710-Z000
Maximum ratings
Operable temperature range
T
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
Source power
Ps
10
dBm
ESD
VESD
50
V
Human Body Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com