Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA381B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA381B
Description  10 AMPS, 180 nsec FAST CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA381B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA381B Datasheet HTML 1Page - Solid States Devices, Inc SDA381B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA381A
thru
SDA381G
Electrical Characteristics
Symbol
Value
Units
Instantaneous Forward Voltage Drop
A- D
(IF = 3A, TA = 25
°C, 300 - 500 µsec pulse)
E
F - G
VF1
1.35
1.45
1.55
VDC
Instantaneous Forward Voltage Drop
1/
A - D
(IF = 3A, TA = 25
°c, 300 – 500 µsec pulse)
E
F - G
VF2
1.5
1.6
1.7
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 µsec pulse minimum)
IR1
5
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 µsec pulse minimum)
IR2
0.5
mA
Reverse Recovery Time
(TA = 25
°C, I
F = 0.5A, IR = 1.0A, IRR = 0.25A)
TRR
5000
nsec
1/ Guaranteed / not tested
Case Outline:
FOR OPERATING CURVES, PLEASE CONTACT THE FACTORY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com