Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA382C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA382C
Description  10 AMPS, 50 - 70 nsec ULTRAFAST CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA382C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA382C Datasheet HTML 1Page - Solid States Devices, Inc SDA382C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Ultrafast Recovery: 70 nsec maximum
• Unheatsunk Average Output Current: 10 Amps
• Low Reverse Leakage Current
• Low Junction Capacitance
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Common Anode and Doubler Versions Available
• TX and TXV Level screening Available
SDA382A
THRU
SDA382G
10 AMPS, 50 - 70 nsec
ULTRAFAST
CENTERTAP RECTIFIER
SDA382
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA382A
SDA382B
SDA382C
SDA382D
SDA382E
SDA382F
SDA382G
VRRM
VRSM
VR
50
100
200
400
600
800
1000
Volts
Average Rectified Forward Current
2
(Resistive Load, 60 hz Sine Wave, TA = 25
°C, No Heatsink)
Io
10
Amps
Peak Surge Current
1
(8.3 ms Pulse, Half Sine Wave, TA = 25
°C, per leg)
IFSM
75
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RèJC
5.0
ºC/W
1/ Both legs tied together
2/ Per leg
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0025B


Similar Part No. - SDA382C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA380A SSDI-SDA380A Datasheet
81Kb / 2P
10 AMPS, 5usec STANDARD RECOVERY CENTERTAP RECTIFIER
SDA380A SSDI-SDA380A Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
SDA380A SSDI-SDA380A_1 Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
SDA380B SSDI-SDA380B Datasheet
81Kb / 2P
10 AMPS, 5usec STANDARD RECOVERY CENTERTAP RECTIFIER
SDA380B SSDI-SDA380B Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
More results

Similar Description - SDA382C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA381A SSDI-SDA381A Datasheet
81Kb / 2P
10 AMPS, 180 nsec FAST CENTERTAP RECTIFIER
SDR1210CTJ SSDI-SDR1210CTJ Datasheet
60Kb / 2P
12AMPS 1000 - 1200 VOLTS 70 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR2410CTM SSDI-SDR2410CTM Datasheet
96Kb / 2P
24AMPS 1200 VOLTS 65 nsec ULTRAFAST CENTERTAP RECTIFIER
SDR4405 SSDI-SDR4405 Datasheet
423Kb / 2P
10 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
15R6CT-3 SSDI-15R6CT-3 Datasheet
209Kb / 2P
50 AMP 150 VOLTS 50 nsec CENTERTAP RECTIFIER
15R6CTN SSDI-15R6CTN Datasheet
228Kb / 2P
100 AMP 150 VOLTS 50 nsec CENTERTAP RECTIFIER
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR1ASM SSDI-SDR1ASM Datasheet
161Kb / 2P
1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
SDR643CTS1 SSDI-SDR643CTS1 Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
SDR6210CT SSDI-SDR6210CT Datasheet
107Kb / 3P
40 AMPS 1000 - 1200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com