Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA381F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA381F
Description  10 AMPS, 180 nsec FAST CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA381F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA381F Datasheet HTML 1Page - Solid States Devices, Inc SDA381F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Standard Recovery
• Unheatsunk Average Output Current: 10 Amps
• Low Reverse Leakage Current
• Low Junction Capacitance
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Common Anode and Doubler Versions Available
• TX and TXV Level screening Available
SDA381A
THRU
SDA381G
10 AMPS, 180 nsec
FAST
CENTERTAP RECTIFIER
SDA381
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA381A
SDA381B
SDA381C
SDA381D
SDA381E
SDA381F
SDA381G
VRRM
VRSM
VR
50
100
200
400
600
800
1000
Volts
Average Rectified Forward Current
2
(Resistive Load, 60 hz Sine Wave, TA = 25
°C, No Heatsink)
Io
10
Amps
Peak Surge Current
1
(8.3 ms Pulse, Half Sine Wave, TA = 25
°C, per leg)
IFSM
75
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RèJC
5.0
ºC/W
1/ Both legs tied together
2/ Per leg
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0024B


Similar Part No. - SDA381F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA380A SSDI-SDA380A Datasheet
81Kb / 2P
10 AMPS, 5usec STANDARD RECOVERY CENTERTAP RECTIFIER
SDA380A SSDI-SDA380A Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
SDA380A SSDI-SDA380A_1 Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
SDA380B SSDI-SDA380B Datasheet
81Kb / 2P
10 AMPS, 5usec STANDARD RECOVERY CENTERTAP RECTIFIER
SDA380B SSDI-SDA380B Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
More results

Similar Description - SDA381F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA382A SSDI-SDA382A Datasheet
81Kb / 2P
10 AMPS, 50 - 70 nsec ULTRAFAST CENTERTAP RECTIFIER
SDA312AF SSDI-SDA312AF Datasheet
127Kb / 2P
10 AMPS 180 - 200 nsec FAST RECOVERY 3 PHASE BRIDGE ASSY
SDR620CT SSDI-SDR620CT Datasheet
40Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR620CT SSDI-SDR620CT Datasheet
168Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR620CTJ SSDI-SDR620CTJ Datasheet
37Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR640CT SSDI-SDR640CT Datasheet
320Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SFA40PME SSDI-SFA40PME Datasheet
411Kb / 2P
68 AMPS 400 - 600 VOLTS 40 nsec HYPER FAST PDSITIVE CENTERTAP RECTIFIER
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDA9103CTNA SSDI-SDA9103CTNA Datasheet
235Kb / 2P
100 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER 40MIL PINS
SDR6210CT SSDI-SDR6210CT Datasheet
107Kb / 3P
40 AMPS 1000 - 1200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com