Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4943 Datasheet(PDF) 2 Page - EPCOS

Part # B4943
Description  SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4943 Datasheet(HTML) 2 Page - EPCOS

  B4943 Datasheet HTML 1Page - EPCOS B4943 Datasheet HTML 2Page - EPCOS B4943 Datasheet HTML 3Page - EPCOS B4943 Datasheet HTML 4Page - EPCOS B4943 Datasheet HTML 5Page - EPCOS B4943 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Dec 01, 2000
SAW Components
B4943
85,38 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
SMD ceramic package QCC10C
Features
s
IF filter for mobile telephone
s
Channel selection in CDMA systems
s
Balanced or unbalanced operation possible
s
High rejection, small size
s
Low amplitude ripple
s
Filter surface passivated
s
Package for Surface Mounted Technology (SMT)
Terminals
s
Ni, gold plated
Dimensions in mm, approx. weight 0,24 g
Pin configuration
10
Input
9
Balanced input or input ground
5
Output
4
Balanced output or output ground
2, 7
Case ground
1, 3, 6, 8
Not connected
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4943
B39850-B4943-U910
C61157-A7-A73
F61074-V8105-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
13
V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com