Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA188_D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA188_D
Description  50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA188_D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA188_D Datasheet HTML 1Page - Solid States Devices, Inc SDA188_D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
Average Output Current 50 Amps
PIV 50 to 1000 Volts
Maximum Thermal Resistance 0.5 oC/Watt
500 Amp Surge Capability
Hermetically Sealed
Choice of Three Terminal Configurations
For Ordering Information, Price, and Availability Contact
Factory.
SSDI introduces a complete series of Doublers and Center Tap
Rectifier Circuits. Designed in cast aluminum cases to provide
maximum thermal conductivity and simple installation.
SDA188A – SDA188G
Series
50 AMPS
50 ─ 1000 VOLTS
RECTIFIER ASSEMBLY
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SDA188_A
SDA188_B
SDA188_C
SDA188_D
SDA188_E
SDA188_F
SDA188_G
VRRM
VRWM
VR
50
100
200
400
600
800
1000
Volts
Average DC Output Current
Tc = Case Temp =55oC
IO (DC)
See table
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA=25oC)
IFSM
500
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +150
oC
Maximum Thermal Resistance
Junction to Case
RθJC
0.5
ºC/W
Polarity and Terminal Orientation 4
*
Polarity C
AC
+
AC
Polarity A
AC
-
AC
Polarity D
+
AC
-
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0035B


Similar Part No. - SDA188_D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA188ADCAUF SSDI-SDA188ADCAUF Datasheet
82Kb / 2P
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
SDA188ADCAUFS SSDI-SDA188ADCAUFS Datasheet
82Kb / 2P
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
SDA188ADCAUFTX SSDI-SDA188ADCAUFTX Datasheet
82Kb / 2P
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
SDA188ADCAUFTXV SSDI-SDA188ADCAUFTXV Datasheet
82Kb / 2P
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
SDA188ADCTUF SSDI-SDA188ADCTUF Datasheet
82Kb / 2P
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
More results

Similar Description - SDA188_D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5391 MCC-1N5391 Datasheet
78Kb / 3P
1.5 Amp Rectifier 50 - 1000 Volts
1N5400 MCC-1N5400 Datasheet
78Kb / 3P
3 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05 Datasheet
82Kb / 3P
6 Amp Rectifier 50 - 1000 Volts
logo
Solid States Devices, I...
SDA180A SSDI-SDA180A Datasheet
110Kb / 2P
15 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
SDR1ASM SSDI-SDR1ASM Datasheet
161Kb / 2P
1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
logo
Shanghai Lunsure Electr...
MR750 CHENYI-MR750 Datasheet
60Kb / 3P
6Amp rectifier 50-1000 volts
MR2400FR CHENYI-MR2400FR Datasheet
118Kb / 3P
24Amp rectifier 50-1000 volts
RL101 CHENYI-RL101 Datasheet
49Kb / 3P
1Amp rectifier 50-1000 volts
logo
Micro Commercial Compon...
1N4007-BP MCC-1N4007-BP Datasheet
226Kb / 4P
1 Amp Rectifier 50 - 1000 Volts
MP2505WGP MCC-MP2505WGP Datasheet
287Kb / 3P
Glass Passivated Bridge Rectifier 50 to 1000 Volts 25 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com