Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA116K Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA116K
Description  25A / 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA116K Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA116K Datasheet HTML 1Page - Solid States Devices, Inc SDA116K Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SDA116 __ __ __
¦
¦
¦
¦
¦
¦
¦
¦
+ Lead Bend
3/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
¦
¦
¦
+
Terminals
2/ 3/
L = Copper Leads
_ = Turret Terminals
+ Voltage
J = 600 V
K = 800 V
M = 1000 V
SDA116 Series
25A / 1000V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
ULTRA FAST – 70 ns
Features:
• Higher Blocking Voltage Available. Contact Factory.
• Average Output Current 25 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Small Package Size (1.500 x 0.875 x 0.310”)
• TX and TXV & S Level Screening Available
• Standard, Fast, & Hyper Fast Versions Available.
Contact Factory.
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA116J
SDA116K
SDA116M
VRRM
VRSM
VR
600
800
1000
Volts
Average Rectified Forward Current
4/
(Resistive Load, 60 Hz Sine Wave)
TC = 55°C
Io
25
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
125
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance, Junction to Case
RθJC
2.5
ºC/W
11
SDA116 ( L )
SDA116 (_)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0046A
DOC
Lead Dia = .050”
Lead Length = 0.5” min


Similar Part No. - SDA116K

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA116K SSDI-SDA116K Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST
More results

Similar Description - SDA116K

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA167HC SSDI-SDA167HC Datasheet
45Kb / 2P
33A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA667 SSDI-SDA667 Datasheet
40Kb / 2P
40A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY 250 NS MAX
SDA669 SSDI-SDA669 Datasheet
77Kb / 2P
30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA560 SSDI-SPA560 Datasheet
153Kb / 2P
22A / 600-1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
SDA37AUF SSDI-SDA37AUF Datasheet
139Kb / 1P
ULTRA FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA116 SSDI-SDA116_1 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST
RA0022 SSDI-RA0022_15 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY
logo
Naina Semiconductor ltd...
26MT NAINA-26MT Datasheet
217Kb / 2P
Three Phase Bridge Rectifier, 25A
logo
New Jersey Semi-Conduct...
26MT NJSEMI-26MT Datasheet
123Kb / 2P
Three Phase Bridge Rectifier, 25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com