Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5015 Datasheet(PDF) 3 Page - EPCOS

Part # B5015
Description  SAW Components Low-Loss Filter 70,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5015 Datasheet(HTML) 3 Page - EPCOS

  B5015 Datasheet HTML 1Page - EPCOS B5015 Datasheet HTML 2Page - EPCOS B5015 Datasheet HTML 3Page - EPCOS B5015 Datasheet HTML 4Page - EPCOS B5015 Datasheet HTML 5Page - EPCOS B5015 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jan 14, 2005
SAW Components
B5015
70,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -10 .. 75 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
min.
typ.
max.
Nominal frequency
fN
—
70,0
—
MHz
Minimum insertion attenuation
α
min
—
11,1
12,5
dB
Passband width
α
rel ≤ 1,2 dB
B1,2dB
11,45
11,6
—
MHz
Passband width
α
rel ≤ 3 dB
B3dB
12,0
12,7
—
MHz
Bandwidth
α
rel ≤ 40 dB
B40dB
—
16,9
18,25 MHz
Amplitude ripple (p-p)
fN ± 5 MHz
∆α
—
0,5
1,0
dB
Absolute group delay (at fN)
τ
—
0,95
—
µs
Group delay ripple
fN ± 5 MHz
∆τ
—70
—
ns
Phase ripple (p-p)
fN ± 5 MHz
∆ϕ
—
5
11,5
˚
Phase ripple (rms)
fN ± 5 MHz
∆ϕ
—
0,8
—
˚ rms
Relative attenuation (relative to
α
min)
α
rel
fN ± 9,2 MHz ... fN ± 20 MHz
40
43
—
dB
Temperature coefficient of frequency
TCf
—
– 87
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com